Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HIP4082IBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP4082IBZ
Description  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4082IBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP4082IBZ Datasheet HTML 4Page - Intersil Corporation HIP4082IBZ Datasheet HTML 5Page - Intersil Corporation HIP4082IBZ Datasheet HTML 6Page - Intersil Corporation HIP4082IBZ Datasheet HTML 7Page - Intersil Corporation HIP4082IBZ Datasheet HTML 8Page - Intersil Corporation HIP4082IBZ Datasheet HTML 9Page - Intersil Corporation HIP4082IBZ Datasheet HTML 10Page - Intersil Corporation HIP4082IBZ Datasheet HTML 11Page - Intersil Corporation HIP4082IBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN3676.4
January 3, 2006
HIP4082
Performance Curves
FIGURE 4. IDD SUPPLY CURRENT vs TEMPERATURE AND
VDD SUPPLY VOLTAGE
FIGURE 5. VDD SUPPLY CURRENT vs TEMPERATURE AND
SWITCHING FREQUENCY (1000pF LOAD)
FIGURE 6. FLOATING (IXHB) BIAS CURRENT vs
FREQUENCY AND LOAD
FIGURE 7. GATE SOURCE/SINK PEAK CURRENT vs BIAS
SUPPLY VOLTAGE AT 25°C
FIGURE 8. GATE CURRENT vs TEMPERATURE,
NORMALIZED TO 25°C
FIGURE 9. VDD-VOH vs BIAS VOLTAGE TEMPERATURE
-60
-40
-20
0
20
40
60
80
100
120 140
1.5
1.75
2
2.25
2.5
2.75
3
3.25
3.5
JUNCTION TEMPERATURE (°C)
V
DD = 16V
V
DD = 15V
V
DD = 12V
V
DD = 10V
V
DD = 8V
-60
-40
-20
0
20
40
60
80
100
120
140
4
5
6
7
8
9
10
11
12
13
14
15
16
JUNCTION TEMPERATURE (°C)
200kHz
100kHz
50kHz
10kHz
0
50
100
150
200
0
1
2
3
4
5
6
7
8
FREQUENCY (kHz)
1000pF LOAD
NO LOAD
8
9
10
11
12
13
14
15
0.5
0.75
1
1.25
1.5
1.75
BIAS SUPPLY VOLTAGE (V) AT 25°C
1.925
0.815
I
SRC(BIAS
)
I
SNK(BIAS)
BIAS
2
8
15
SOURCE
SINK
-75
-50
-25
0
25
50
75
100
125 150
0.8
0.9
1
1.1
1.2
JUNCTION TEMPERATURE (°C)
8
9
10
11
12
13
14
15
0.6
1
1.4
V
DD SUPPLY VOLTAGE (V)
1.2
0.8
-55°C
-40°C
0°C
25°C
125°C
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com