Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3F88L-162 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3F88L-162
Description  Cam Positioner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3F88L-162 Datasheet(HTML) 2 Page - Omron Electronics LLC

  3F88L-162 Datasheet HTML 1Page - Omron Electronics LLC 3F88L-162 Datasheet HTML 2Page - Omron Electronics LLC 3F88L-162 Datasheet HTML 3Page - Omron Electronics LLC 3F88L-162 Datasheet HTML 4Page - Omron Electronics LLC 3F88L-162 Datasheet HTML 5Page - Omron Electronics LLC 3F88L-162 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3F88L-160/-162
2
Specifications
General Specifications
* Disconnect the functional ground terminal from the protective ground terminal before performing insulation resistance or dielectric strength tests.
Characteristics
Item
Model
3F88L-160
3F88L-162
Supply voltage
100 to 240 VAC, 50/60 Hz
Allowable supply voltage
85 to 264 VAC
Power consumption
27 VA max.
Inrush current
40 A at 10 ms max.
I/O power supply
145 mA at 24 VDC
Allowable I/O supply voltage
20.4 to 26.4 VDC
Insulation resistance
20 M
Ω min. between all external AC power supply terminals and the protective ground terminal (at 500 VDC) *
Dielectric strength
2,300 VAC at 50/60 Hz for 1 min between all external AC power supply terminals and the protective ground
terminal (leakage current: 10 mA max.)
*
Noise immunity
IEC 61000-4-4: 2 kV power line
Vibration resistance
Conforms to JIS C0911: 10 to 57 Hz with 0.075-mm single amplitude 80 min each in X, Y, and Z directions,
57 to 150 Hz at 9.8-m/s2 acceleration (sweeps: 8 min
× 10 sweeps = 80 min total)
Shock resistance
Conforms to JIS C0912: 147 m/s2 three times each in X, Y, and Z directions
Ambient operating temperature 0 to 55
°C
Ambient operating humidity
10% to 90% (with no condensation)
Ambient operating atmosphere No corrosive gases
Ambient storage temperature
−20 to 75°C
Terminals screw size
Power supply input: M3.5, control I/O: M3
Momentary power interruption
detection time
Does not detect momentary power interruptions lasting less than 15 ms.
Dimensions
110
× 100 × 82.5 mm (W × H × D)
Weight
1 kg max.
Structure
Mounted inside panel
Mounting method
Screw mounting (two M4 screws) or DIN Track mounting
Item
Model
3F88L-160
3F88L-162
No. of outputs
16
32
Output performance
Open-collector output, maximum switching capacity: 300 mA at 26.4 VDC (1.6 A max. per connector)
No. of banks
8 banks at 360 resolution, 4 banks at 720 resolution
Display
7-segment LED (current bank, speed, current angle)
Response speed
1,600 r/min at 360 resolution, 800 r/min at 720 resolution
Detection cycle
100
µs max.
Reproducibility
0.2
°
Memory backup
No. of non-volatile memory (EEPROM) writes: 100,000 times
Control unit
1/360 at 360 resolution, 1/720 at 720 resolution
Origin compensation
1 to 359 at 360 resolution, 1 to 719 at 720 resolution
Backlash compensation
1 to 179 at 360 resolution, 1 to 359 at 720 resolution
Advance angle compensation
Advance angle compensation Range:1 to 359 at 360 resolution, 1 to 719 at 720 resolution
Speed input range:
1 to 1,600 at 360 resolution, 1 to 800 at 720 resolution
Note: Only zero will be accepted for the angle advancement input when the speed input is zero.
Control inputs
START, TRIG, BANK 1 to 3, and RESET
Photocoupler input impedance: 4.7 k
Ω
Control outputs
RUN, ERROR, and M·DET
Open-collector output, maximum switching capacity, 300 mA at 26.4 VDC
Speed detection accuracy
5 r/min max.



Html Pages

1 2 3 4 5 6