Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A2F060M3B-1CS288ES Datasheet(PDF) 21 Page - Microsemi Corporation

Part # A2F060M3B-1CS288ES
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F060M3B-1CS288ES Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button A2F060M3B-1CS288ES Datasheet HTML 17Page - Microsemi Corporation A2F060M3B-1CS288ES Datasheet HTML 18Page - Microsemi Corporation A2F060M3B-1CS288ES Datasheet HTML 19Page - Microsemi Corporation A2F060M3B-1CS288ES Datasheet HTML 20Page - Microsemi Corporation A2F060M3B-1CS288ES Datasheet HTML 21Page - Microsemi Corporation A2F060M3B-1CS288ES Datasheet HTML 22Page - Microsemi Corporation A2F060M3B-1CS288ES Datasheet HTML 23Page - Microsemi Corporation A2F060M3B-1CS288ES Datasheet HTML 24Page - Microsemi Corporation A2F060M3B-1CS288ES Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
2-9
EQ 6
The 1.76 W power is less than the required 3.00 W. The design therefore requires a heat sink, or the
airflow where the device is mounted should be increased. The design's total junction-to-air thermal
resistance requirement can be estimated by EQ 7:
EQ 7
Determining the heat sink's thermal performance proceeds as follows:
EQ 8
where
EQ 9
A heat sink with a thermal resistance of 5.01°C/W or better should be used. Thermal resistance of heat
sinks is a function of airflow. The heat sink performance can be significantly improved with increased
airflow.
Carefully estimating thermal resistance is important in the long-term reliability of an FPGA. Design
engineers should always correlate the power consumption of the device with the maximum allowable
power dissipation of the package selected for that device.
Note: The junction-to-air and junction-to-board thermal resistances are based on JEDEC standard
(JESD-51) and assumptions made in building the model. It may not be realized in actual
application and therefore should be used with a degree of caution. Junction-to-case thermal
resistance assumes that all power is dissipated through the case.
Temperature and Voltage Derating Factors
JA = 0.37°C/W
= Thermal resistance of the interface material between
the case and the heat sink, usually provided by the
thermal interface manufacturer
SA = Thermal resistance of the heat sink in °C/W
Table 2-7 • Temperature and Voltage Derating Factors for Timing Delays
(normalized to TJ = 85°C, worst-case VCC = 1.425 V)
Array
Voltage VCC
(V)
Junction Temperature (°C)
–40°C
0°C
25°C
70°C
85°C
100°C
1.425
0.86
0.91
0.93
0.98
1.00
1.02
1.500
0.81
0.86
0.88
0.93
0.95
0.96
1.575
0.78
0.83
0.85
0.90
0.91
0.93
P
TJ TA
–
JA
-------------------
100°C 70°C
–
17.00 W
------------------------------------
1.76 W
==
=
JA(total)
TJ TA
–
P
-------------------
100°C 70°C
–
3.00 W
------------------------------------
10.00°C/W
==
=
JA(TOTAL)
JC
CS
SA
++
=
SA
JA(TOTAL)
JC
–
CS
–
=
SA
13.33°C/W 8.28°C/W
–
0.37°C/W
–
5.01°C/W
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com