Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

48243 Datasheet(PDF) 1 Page - FCI connector

Part # 48243
Description  MINI PV RECEPTACLE CRIMP TO WIRE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

48243 Datasheet(HTML) 1 Page - FCI connector

  48243 Datasheet HTML 1Page - FCI connector 48243 Datasheet HTML 2Page - FCI connector 48243 Datasheet HTML 3Page - FCI connector 48243 Datasheet HTML 4Page - FCI connector 48243 Datasheet HTML 5Page - FCI connector 48243 Datasheet HTML 6Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PDM: Rev:AN
Released
.
STATUS:
Printed: Jul 14, 2012


Similar Part No. - 48243

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48243-000 ETC1-48243-000 Datasheet
379Kb / 3P
Discrete Crimp-to-Wire Pins/Receptacles/Housings
logo
Amphenol Communications...
48243-000LF AMPHENOLCS-48243-000LF Datasheet
325Kb / 5P
PV® WIRE-TO-BOARD CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
48243-1201 MOLEX-48243-1201 Datasheet
102Kb / 2P
Board-to-Board MDC Connector
More results

Similar Description - 48243

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022011024 MOLEX2-0022011024 Datasheet
96Kb / 2P
2.50mm (.098) Pitch Mini SPOX??Wire-to-Wire and Wire-to-Board Receptacle Housing, 2 Circuits
0505398000 MOLEX11-0505398000 Datasheet
118Kb / 2P
3.96 WIRE TO BOARD CONN CRIMP RECEPTACLE
logo
FCI connector
48046-000LF FCI-CONNECTOR-48046-000LF Datasheet
281Kb / 6P
MINI PV RECEPTACLE CRIMP TO WIRE
47212 FCI-CONNECTOR-47212 Datasheet
281Kb / 6P
MINI PV RECEPTACLE CRIMP TO WIRE
47565-002LF FCI-CONNECTOR-47565-002LF Datasheet
281Kb / 6P
MINI PV RECEPTACLE CRIMP TO WIRE
logo
Molex Electronics Ltd.
ATS-638233400 MOLEX-ATS-638233400 Datasheet
594Kb / 8P
Hand Crimp Tool for Mini-Lock??Wire-to-Board Terminals
04-09-10
ATS-638952800 MOLEX-ATS-638952800 Datasheet
326Kb / 5P
Mini-Mac Applicator for PV Solar Pin and Socket Crimp Terminals
01-03-12
ATS-638952900 MOLEX-ATS-638952900 Datasheet
325Kb / 5P
Mini-Mac Applicator for PV Solar Pin and Socket Crimp Terminals
01-03-12
ATS-639009700 MOLEX-ATS-639009700 Datasheet
238Kb / 5P
Fine Adjust Applicator for 4.00mm (.157) Pitch Wire to Wire Crimp Receptacle
07-24-08
logo
TE Connectivity Ltd
353908-9 TEC-353908-9 Datasheet
219Kb / 5P
Housing, Receptacle, Wire-to-Wire / Wire-to-Board / Wire-to-Panel, 9 Position, 1.5 mm [.059 in] Centerline, Crimp, 1 Row, White, AMP Mini CT
09/30/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com