Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H5TC4G83AFR-RDA Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # H5TC4G83AFR-RDA
Description  4Gb DDR3L SDRAM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G83AFR-RDA Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button H5TC4G83AFR-RDA Datasheet HTML 12Page - Hynix Semiconductor H5TC4G83AFR-RDA Datasheet HTML 13Page - Hynix Semiconductor H5TC4G83AFR-RDA Datasheet HTML 14Page - Hynix Semiconductor H5TC4G83AFR-RDA Datasheet HTML 15Page - Hynix Semiconductor H5TC4G83AFR-RDA Datasheet HTML 16Page - Hynix Semiconductor H5TC4G83AFR-RDA Datasheet HTML 17Page - Hynix Semiconductor H5TC4G83AFR-RDA Datasheet HTML 18Page - Hynix Semiconductor H5TC4G83AFR-RDA Datasheet HTML 19Page - Hynix Semiconductor H5TC4G83AFR-RDA Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Rev. 1.0 / Apr. 2013
16
Table 1 -Timings used for IDD and IDDQ Measurement-Loop Patterns
Table 2 -Basic IDD and IDDQ Measurement Conditions
Symbol
DDR3L-1066
DDR3L-1333
DDR3L-1600
DDR3L-1866
Unit
7-7-7
9-9-9
11-11-11
13-13-13
tCK
1.875
1.5
1.25
1.07
ns
CL
7
9
11
13
nCK
nRCD
7
9
11
13
nCK
nRC
27
33
39
45
nCK
nRAS
20
24
28
32
nCK
nRP
7
9
11
13
nCK
nFAW
1KB page size
20
20
24
26
nCK
2KB page size
27
30
32
33
nCK
nRRD
1KB page size
4
4
5
5
nCK
2KB page size
6
5
6
6
nCK
nRFC -512Mb
48
60
72
85
nCK
nRFC-1 Gb
59
74
88
103
nCK
nRFC- 2 Gb
86
107
128
150
nCK
nRFC- 4 Gb
139
174
208
243
nCK
nRFC- 8 Gb
187
234
280
328
nCK
Symbol
Description
IDD0
Operating One Bank Active-Precharge Current
CKE: High; External clock: On; tCK, nRC, nRAS, CL: see Table 1; BL: 8a); AL: 0; CS: High between ACT
and PRE; Command, Address, Bank Address Inputs: partially toggling according to Table 3; Data IO:
MID-LEVEL; DM: stable at 0; Bank Activity: Cycling with one bank active at a time: 0,0,1,1,2,2,... (see
Table 3); Output Buffer and RTT: Enabled in Mode Registersb); ODT Signal: stable at 0; Pattern Details:
see Table 3.
IDD1
Operating One Bank Active-Precharge Current
CKE: High; External clock: On; tCK, nRC, nRAS, nRCD, CL: see Table 1; BL: 8a); AL: 0; CS: High between
ACT, RD and PRE; Command, Address; Bank Address Inputs, Data IO: partially toggling according to
Table 4; DM: stable at 0; Bank Activity: Cycling with on bank active at a time: 0,0,1,1,2,2,... (see Table
4); Output Buffer and RTT: Enabled in Mode Registersb); ODT Signal: stable at 0; Pattern Details: see
Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com