Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EEFSL0D101ER Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # EEFSL0D101ER
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

EEFSL0D101ER Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  EEFSL0D101ER Datasheet HTML 1Page - PACELEADER INDUSTRIAL EEFSL0D101ER Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
– EEF-8 –
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(µF)
Case Size
Specification
Part number
Reflow condition
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m max.)
240 °C
✽3
260 °C
✽3
SL
2
100
7.3
4.3
1.8
3.0
9
EEFSL0D101ER
✽4
3500
120
7.3
4.3
1.8
3.0
9
EEFSL0D121ER
✽4
3500
150
7.3
4.3
1.8
3.0
9
EEFSL0D151ER
✽4
3500
180
7.3
4.3
1.8
3.0
9
EEFSL0D181ER
✽4
3500
220
7.3
4.3
1.8
3.0
9
EEFSL0D221ER
✽4
3500
2.5
100
7.3
4.3
1.8
3.0
9
EEFSL0E101ER
✽4
3500
120
7.3
4.3
1.8
3.0
9
EEFSL0E121ER
✽4
3500
150
7.3
4.3
1.8
3.0
9
EEFSL0E151ER
✽4
3500
482
7.3
4.3
1.8
3.0
9
EEFSL0G820ER
✽4
3500
6.3
56
7.3
4.3
1.8
3.0
9
EEFSL0J560R
✽5
—
3500
SX
2
180
7.3
4.3
1.9
3.0
9
EEFSX0D181ER
✽4
3500
220
7.3
4.3
1.9
3.0
9
EEFSX0D221ER
✽4
3500
270
7.3
4.3
1.9
3.0
9
EEFSX0D271ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0D271XE
✽4
3500
7.3
4.3
1.9
3.8
4.5
EEFSX0D271E4
—
3500
330
7.3
4.3
1.9
3.0
9
EEFSX0D331ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0D331XE
✽4
3500
7.3
4.3
1.9
3.8
4.5
EEFSX0D331E4
—
3500
390
7.3
4.3
1.9
3.0
9
EEFSX0D391ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0D391XE
✽4
3500
7.3
4.3
1.9
4.0
4.5
EEFSX0D391E4
—
3500
470
7.3
4.3
1.9
3.0
9
EEFSX0D471ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0D471XE
✽4
3500
7.3
4.3
1.9
4.0
4.5
EEFSX0D471E4
—
3500
560
7.3
4.3
1.9
3.8
4.5
EEFSX0D561E4
—
3500
2.5
150
7.3
4.3
1.9
3.0
9
EEFSX0E151ER
✽4
3500
180
7.3
4.3
1.9
3.0
9
EEFSX0E181ER
✽4
3500
220
7.3
4.3
1.9
3.0
9
EEFSX0E221ER
✽4
3500
7.3
4.3
1.9
3.5
7
EEFSX0E221E7
—
3500
270
7.3
4.3
1.9
3.5
7
EEFSX0E271E7
—
3500
330
7.3
4.3
1.9
3.0
9
EEFSX0E331ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0E331XE
✽4
3500
7.3
4.3
1.9
4.0
4.5
EEFSX0E331E4
—
3500
390
7.3
4.3
1.9
3.0
9
EEFSX0E391ER
✽4
3500
7.3
4.3
1.9
3.5
6
EEFSX0E391XE
✽4
3500
7.3
4.3
1.9
4.0
4.5
EEFSX0E391E4
—
3500
470
7.3
4.3
1.9
3.0
9
EEFSX0E471ER
—
3500
7.3
4.3
1.9
3.5
6
EEFSX0E471XE
—
3500
7.3
4.3
1.9
3.8
4.5
EEFSX0E471E4
—
3500
4
82
7.3
4.3
1.9
3.0
9
EEFSX0G820ER
✽4
3500
100
7.3
4.3
1.9
3.0
9
EEFSX0G101ER
✽4
3500
150
7.3
4.3
1.9
3.0
9
EEFSX0G151ER
—
3500
7.3
4.3
1.9
3.5
7
EEFSX0G151E7
—
3500
180
7.3
4.3
1.9
3.0
9
EEFSX0G181ER
—
3500
220
7.3
4.3
1.9
3.0
9
EEFSX0G221ER
—
3500
6.3
120
7.3
4.3
1.9
3.5
7
EEFSX0J121E7
—
3500
150
7.3
4.3
1.9
3.0
9
EEFSX0J151ER
—
3500
■ Low ESR Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mouting Specifications”.
✽4: Please use high temperature Lead-Free reflow (260 °C) for new design.
✽5: In the case of new design please contact us.
: available,
— : not available
00 Nov. 2012



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com