Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E5CN-RMT-500 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # E5CN-RMT-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RMT-500 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E5CN-RMT-500 Datasheet HTML 28Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 29Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 30Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 31Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 32Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 33Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 34Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 35Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
E5CN-H
32
Lineup
Note: Models with one control output and models with two control outputs can be used for heating/cooling control.
Model Number Structure
Model Number Legend
Controllers
1. Type
H: Advanced
2. Control Output 1
R: Relay output
Q: Voltage output (for driving SSR)
C: Current output
V: Linear voltage output
3. Auxiliary Outputs
2: Two outputs
4. Option 1
M: Option Unit can be mounted.
5. Power Supply Voltage
Blank: 100 to 240 VAC
D: 24 VAC/VDC
6. Case Color
Blank: Black
W: Silver
7. Terminal Cover
-500: With terminal cover
Option Units
1. Applicable Controller
CN: E5CN-H or E5CN
2. Function 1
Blank: None
Q: Control output 2 (voltage output for driving SSR)
P: Power supply for sensor
C: Current output
3. Function 2
Blank: None
H: Heater burnout/SSR failure/Heater overcurrent detection (CT1)
HH: Heater burnout/SSR failure/Heater overcurrent detection
(CT2)
B: Two event inputs
03: RS-485 communications
H03: Heater burnout/SSR failure/Heater overcurrent detection
(CT1) + RS-485 communications
HB: Heater burnout/SSR failure/Heater overcurrent detection
(CT1) + Two event inputs
HH03: Heater burnout/SSR failure/Heater overcurrent detection
(CT2) + RS-485 communications
H01: Heater burnout/SSR failure/Heater overcurrent detection
(CT1)/RS-232C communications
F: Transfer output
BF: Two event inputs/Transfer output
4. Version
N2: Available only to models released after January 2008
Note: Not all combinations of function 1 and function 2 specifications are possible for Option Units (E53-
@@@@).
Terminal block
E5CN-H
Advanced Type
Fully universal input
2 control outputs
1 control output
2 auxiliary outputs
2 auxiliary outputs
1 2345
6
7
E5CN-
@@@M@-@-500
1 234
E53-
@@@@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com