Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC30F3014 Datasheet(PDF) 95 Page - Microchip Technology

Part # DSPIC30F3014
Description  High-Performance,16-bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F3014 Datasheet(HTML) 95 Page - Microchip Technology

Back Button DSPIC30F3014 Datasheet HTML 91Page - Microchip Technology DSPIC30F3014 Datasheet HTML 92Page - Microchip Technology DSPIC30F3014 Datasheet HTML 93Page - Microchip Technology DSPIC30F3014 Datasheet HTML 94Page - Microchip Technology DSPIC30F3014 Datasheet HTML 95Page - Microchip Technology DSPIC30F3014 Datasheet HTML 96Page - Microchip Technology DSPIC30F3014 Datasheet HTML 97Page - Microchip Technology DSPIC30F3014 Datasheet HTML 98Page - Microchip Technology DSPIC30F3014 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 228 page
background image
 2010 Microchip Technology Inc.
DS70138G-page 95
dsPIC30F3014/4013
14.7
Interrupts
The I2C module generates two interrupt flags, MI2CIF
(I2C Master Interrupt Flag) and SI2CIF (I2C Slave Inter-
rupt Flag). The MI2CIF interrupt flag is activated on
completion of a master message event. The SI2CIF
interrupt flag is activated on detection of a message
directed to the slave.
14.8
Slope Control
The I2C standard requires slope control on the SDA
and SCL signals for Fast mode (400 kHz). The control
bit, DISSLW, enables the user to disable slew rate
control if desired. It is necessary to disable the slew
rate control for 1 MHz mode.
14.9
IPMI Support
The control bit, IPMIEN, enables the module to support
Intelligent Peripheral Management Interface (IPMI).
When this bit is set, the module accepts and acts upon
all addresses.
14.10 General Call Address Support
The general call address can address all devices.
When this address is used, all devices should, in
theory, respond with an Acknowledgement.
The general call address is one of eight addresses
reserved for specific purposes by the I2C protocol. It
consists of all ‘0’s with R_W = 0.
The general call address is recognized when the Gen-
eral Call Enable (GCEN) bit is set (I2CCON<7> = 1).
Following a Start bit detection, 8 bits are shifted into
I2CRSR and the address is compared with I2CADD,
and is also compared with the general call address
which is fixed in hardware.
If a general call address match occurs, the I2CRSR is
transferred to the I2CRCV after the eighth clock, the
RBF flag is set and on the falling edge of the ninth bit
(ACK bit), the Master Event Interrupt Flag (MI2CIF) is
set.
When the interrupt is serviced, the source for the
interrupt can be checked by reading the contents of the
I2CRCV to determine if the address was device-specific
or a general call address.
14.11 I2C Master Support
As a master device, six operations are supported:
• Assert a Start condition on SDA and SCL.
• Assert a Restart condition on SDA and SCL.
• Write to the I2CTRN register initiating
transmission of data/address.
• Generate a Stop condition on SDA and SCL.
• Configure the I2C port to receive data.
• Generate an ACK condition at the end of a
received byte of data.
14.12 I2C Master Operation
The master device generates all of the serial clock
pulses and the Start and Stop conditions. A transfer is
ended with a Stop condition or with a Repeated Start
condition. Since the Repeated Start condition is also
the beginning of the next serial transfer, the I2C bus is
not released.
In Master Transmitter mode, serial data is output
through SDA, while SCL outputs the serial clock. The
first byte transmitted contains the slave address of the
receiving device (7 bits) and the data direction bit. In
this case, the data direction bit (R_W) is logic ‘0’. Serial
data is transmitted 8 bits at a time. After each byte is
transmitted, an ACK bit is received. Start and Stop
conditions are output to indicate the beginning and the
end of a serial transfer.
In Master Receive mode, the first byte transmitted
contains the slave address of the transmitting device
(7 bits) and the data direction bit. In this case, the data
direction bit (R_W) is logic ‘1’. Thus, the first byte
transmitted is a 7-bit slave address, followed by a ‘1’ to
indicate the receive bit. Serial data is received via SDA
while SCL outputs the serial clock. Serial data is
received 8 bits at a time. After each byte is received, an
ACK bit is transmitted. Start and Stop conditions indi-
cate the beginning and end of transmission.
14.12.1
I2C MASTER TRANSMISSION
Transmission of a data byte, a 7-bit address or the
second half of a 10-bit address, is accomplished by
simply writing a value to I2CTRN register. The user
should only write to I2CTRN when the module is in a
Wait state. This action sets the Buffer Full Flag (TBF)
and allow the Baud Rate Generator to begin counting
and start the next transmission. Each bit of address/
data is shifted out onto the SDA pin after the falling
edge of SCL is asserted. The Transmit Status Flag,
TRSTAT (I2CSTAT<14>), indicates that a master
transmit is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com