| Electronic Components Datasheet Search |
|
DSPIC33FJ16GS404 Datasheet(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ16GS404 Datasheet(HTML) 2 Page - Microchip Technology |
|
2 / 20 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS80439M-page 2 2009-2013 Microchip Technology Inc. TABLE 2: SILICON ISSUE SUMMARY Module Feature Item Number Issue Summary Affected Revisions(1) A2 A3 A4 PWM Leading-Edge Blanking 1. Reading LEBCONx registers, as well as writing individual bits and bytes within these registers, does not work. XX X PWM Immediate Updates 2. PWM Immediate Update mode (IEU = 1) for the Master Duty Cycle register (MDC) is not functional. XX X PWM Status Bits 3. PWM Fault Status bits do not function if the associated PWM Fault interrupts are disabled. XX X PWM Clock 4. PWM output will exhibit jitter with some PWM clock divider settings. XX X PWM Faults 5. If the PWM is in Complementary, Redundant and Push- Pull mode and the Independent Time Base bit (ITB) is set, the Independent Fault mode may not work as expected for the PWMxL pin. XX X PWM Independent Time Base 6. The Independent Time Base PWM outputs may not be synchronized with the Master time base PWM outputs when both modes are used simultaneously. XX X PWM Latched Faults 7. In PWM Latched Fault mode, the PWM outputs may be latched on both the rising as well as the falling edge of the Fault signal regardless of the Fault input polarity selection (set with the FCLCONx<FLTPOL> bit setting). XX X PWM Faults 8. A bit write to the CLMOD bit (bit 8) in the FCLCONx register, or consecutive writes to the lower byte and higher byte of the FCLCONx register, causes all other bits of the high byte to be loaded with zeros. XX X PWM Sleep Mode 9. The PWM module fails to wake the CPU from Sleep mode on a PWM Fault event. XX X Comparator — 10. For slow input signals, the Comparator module may generate erroneous triggers/interrupts. XX X ADC Clock 11. Selecting the primary FRC (FVCO) as a clock source for the ADC module by setting the SLOWCLK bit (ADCON<12>) to the default setting of ‘0’, does not work. XX X Auxiliary Clock Module Disable 12. When the PWMMD bit in the PMD1 register is set, the Auxiliary Clock to both the ADC and PWM modules is disabled. XX X Comparator Interrupts 13. Comparator interrupts are incorrectly generated when the High-Speed Analog Comparator is configured for an inverted polarity setting (CMPCONx<CMPPOL> = 1). XX X UART 4x Mode 14. When the UART is in 4x mode (BRGH = 1) and using two Stop bits (STSEL = 1), it may sample the first Stop bit instead of the second one. XX X UART IR Interface Operations 15. The 16x baud clock signal on the BCLK pin is present only when the module is transmitting. XX X I2C™ 10-bit Addressing Mode 16. When the I2C™ module is configured for 10-bit addressing using the same address bits (A10 and A9) as other I2C devices, the A10 and A9 bits may not work as expected. XX X PWM ADC Conversion 17. The PWM module may fail to trigger a conversion on certain ADC pairs when the primary or secondary PWMx generator is selected as a trigger source. X Note 1: Only those issues indicated in the last column apply to the current silicon revision. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |