Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA-JET-ARM-SWD Datasheet(PDF) 13 Page - Analog Devices

Part # ADA-JET-ARM-SWD
Description  JTAG Probes for Signum Emulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA-JET-ARM-SWD Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA-JET-ARM-SWD Datasheet HTML 9Page - Analog Devices ADA-JET-ARM-SWD Datasheet HTML 10Page - Analog Devices ADA-JET-ARM-SWD Datasheet HTML 11Page - Analog Devices ADA-JET-ARM-SWD Datasheet HTML 12Page - Analog Devices ADA-JET-ARM-SWD Datasheet HTML 13Page - Analog Devices ADA-JET-ARM-SWD Datasheet HTML 14Page - Analog Devices ADA-JET-ARM-SWD Datasheet HTML 15Page - Analog Devices ADA-JET-ARM-SWD Datasheet HTML 16Page - Analog Devices ADA-JET-ARM-SWD Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
J T A G
P R OB E S
F OR
S I GN U M
E M ULATO RS
T E CHNI CA L
S P E C IF IC A TION S
11
Isolation Probe for TI-14 JTAG with an Optional
External Power Input
ADA-ISO-TI14-E
The isolation probe for TI-14 JTAG with an auxiliary power input ADA-ISO-TI14-E should be used in
applications where the target board does not have enough current (about 150mA) to supply the isolation probe.
When used with external power adapter, this probe reduces the current taken from the target board to
approximately 1 mA.
The ADA-ISO-TI14-E probe requires a 5.0V VDC external power source to be connected to the J1 socket.
The polarity for the J1 socket is center pin positive (+), outer collar negative (−). Reversed polarity may damage
some electronic devices. If the external power supply is not connected, the isolation probe will automatically
take power (about 150mA) from the target board. The auxiliary power adapter is not included with the isolation
probe.
See also the specification of the ADA-ISO.
1
3
5
7
9
11
13
2
4
6
8
10
12
14
TMS
TDI
PD
TDO
TCK_RET
TCK
EMU0
nTRST
GND
KEY
GND
GND
GND
EMU1
FIGURE 25 The ADA-ISO-TI14-E isolation
probe with an auxiliary power input.
FIGURE 26 The TI14 pinout of the ADA-ISO-TI14-
E probe. Top view.
A
Key
Pin 2
Pin 1
J1 Socket
Galvanic
Isolator
Cable to Emulator
FIGURE 27 The dimensions of the 20-pin ADA-
ISO-TI14-E probe. Top view. A = 32.4 mm (1.28
in), B = 28.5 mm (1.12 in).
FIGURE 28 The ADA-ISO-TI14-E probe. Side view.
C = 20.5 mm (.81 in.), D = 14.2 mm (0.56 in.), E = 8.5
mm (0.33 in.).
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com