Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST2-DC3V-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ST2-DC3V-F
Description  1a1b/2a 8A polarized power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ST2-DC3V-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ST2-DC3V-F Datasheet HTML 1Page - Panasonic Semiconductor ST2-DC3V-F Datasheet HTML 2Page - Panasonic Semiconductor ST2-DC3V-F Datasheet HTML 3Page - Panasonic Semiconductor ST2-DC3V-F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
ST
ASCTB210E 201202-T
TYPES
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
* For sockets, see page 113.
RATING
1. Coil data
1) Single side stable
2) 2 coil latching
Contact arrangement
Nominal coil voltage
Single side stable
2 coil latching
Part No.
Part No.
1 Form A 1 Form B
3V DC
ST1-DC3V-F
ST1-L2-DC3V-F
5V DC
ST1-DC5V-F
ST1-L2-DC5V-F
6V DC
ST1-DC6V-F
ST1-L2-DC6V-F
9V DC
ST1-DC9V-F
ST1-L2-DC9V-F
12V DC
ST1-DC12V-F
ST1-L2-DC12V-F
24V DC
ST1-DC24V-F
ST1-L2-DC24V-F
48V DC
ST1-DC48V-F
ST1-L2-DC48V-F
2 Form A
3V DC
ST2-DC3V-F
ST2-L2-DC3V-F
5V DC
ST2-DC5V-F
ST2-L2-DC5V-F
6V DC
ST2-DC6V-F
ST2-L2-DC6V-F
9V DC
ST2-DC9V-F
ST2-L2-DC9V-F
12V DC
ST2-DC12V-F
ST2-L2-DC12V-F
24V DC
ST2-DC24V-F
ST2-L2-DC24V-F
48V DC
ST2-DC48V-F
ST2-L2-DC48V-F
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
3V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
75mA
38
Ω
240mW
150%V of
nominal voltage
5V DC
47mA
105
Ω
6V DC
40mA
150
Ω
9V DC
25mA
360
Ω
12V DC
20mA
600
Ω
24V DC
10mA
2,400
Ω
48V DC
4.7mA
9,000
Ω
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
80%V or less of
nominal voltage
(Initial)
80%V or less of
nominal voltage
(Initial)
75mA
75mA
40
Ω
40
Ω
240mW
240mW
150%V of
nominal voltage
5V DC
45mA
45mA
110
Ω
110
Ω
6V DC
37.5mA
37.5mA
155
Ω
155
Ω
9V DC
25mA
25mA
360
Ω
360
Ω
12V DC
18.8mA
18.8mA
640
Ω
640
Ω
24V DC
10mA
10mA
2,400
Ω
2,400
Ω
48V DC
4.7mA
4.7mA
10,200
Ω
10,200
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com