Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD688BQ Datasheet(PDF) 13 Page - Analog Devices

Part # AD688BQ
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688BQ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD688BQ Datasheet HTML 8Page - Analog Devices AD688BQ Datasheet HTML 9Page - Analog Devices AD688BQ Datasheet HTML 10Page - Analog Devices AD688BQ Datasheet HTML 11Page - Analog Devices AD688BQ Datasheet HTML 12Page - Analog Devices AD688BQ Datasheet HTML 13Page - Analog Devices AD688BQ Datasheet HTML 14Page - Analog Devices AD688BQ Datasheet HTML 15Page - Analog Devices AD688BQ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD688
Rev. B | Page 13 of 16
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
16
1
8
9
0.310 (7.87)
0.220 (5.59)
0.005
(0.13)
MIN
0.098 (2.49)
MAX
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
0.840 (21.34) MAX
0.150 (3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.100
(2.54)
BSC
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
PIN 1
Figure 33. 16-Lead Ceramic Dual In-Line Package [CERDIP]
(Q-16)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AA
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
16
9
8
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
10.50 (0.4134)
10.10 (0.3976)
8°
0°
0.75 (0.0295)
0.25 (0.0098)
× 45°
1.27 (0.0500)
0.40 (0.0157)
0.33 (0.0130)
0.20 (0.0079)
COPLANARITY
0.10
Figure 34. 16-Lead Standard Small Outline Package [SOIC]
Wide Body
(RW-16)
Dimensions shown in millimeter and (inches)
ORDERING GUIDE
Model
Initial
Error
Temperature
Coefficient
Temperature Range
Package Description
Package Option
AD688AQ
5 mV
3 ppm/°C
−40°C to + 85°C
16-Lead CERDIP
Q-16
AD688BQ
2 mV
3 ppm/°C
−40°C to + 85°C
16-Lead CERDIP
Q-16
AD688ARWZ1
4 mV
8 ppm/°C
−40°C to + 85°C
16-Lead SOIC
RW-16
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com