Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6385ED Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6385ED
Description  High-voltage high and low side driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6385ED Datasheet(HTML) 5 Page - STMicroelectronics

  L6385ED Datasheet HTML 1Page - STMicroelectronics L6385ED Datasheet HTML 2Page - STMicroelectronics L6385ED Datasheet HTML 3Page - STMicroelectronics L6385ED Datasheet HTML 4Page - STMicroelectronics L6385ED Datasheet HTML 5Page - STMicroelectronics L6385ED Datasheet HTML 6Page - STMicroelectronics L6385ED Datasheet HTML 7Page - STMicroelectronics L6385ED Datasheet HTML 8Page - STMicroelectronics L6385ED Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L6385E
Electrical characteristics
5/16
3
Electrical characteristics
3.1
AC operation
3.2
DC operation
Table 5.
AC operation electrical characteristcs (VCC = 15V; TJ = 25°C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
ton
1 vs 5
2 vs 7
High/low side driver turn-on
propagation delay
Vout = 0V
110
ns
toff
1 vs 5
2 vs 7
High/low side driver turn-off
propagation delay
Vout = 0V
105
ns
tr
5, 7
Rise time
CL = 1000pF
50
ns
tf
5, 7
Fall time
CL = 1000pF
30
ns
Table 6.
DC operation electrical characteristcs (VCC = 15V; TJ = 25°C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Low supply voltage section
Vcc
3
Supply voltage
17
V
Vccth1
Vcc UV turn on threshold
9.1
9.6
10.1
V
Vccth2
Vcc UV turn off threshold
7.9
8.3
8.8
V
Vcchys
Vcc UV hysteresis
1.3
V
Iqccu
Undervoltage quiescent
supply current
Vcc ≤ 9V
150
220
µA
Iqcc
Quiescent current
Vin = 15V
250
320
µA
Rdson
Bootstrap driver on
resistance (1)
Vcc ≥12.5V
125
Ω
Bootstrapped supply voltage section
VBS
8
Bootstrap supply voltage
17
V
VBSth1
VBS UV turn on threshold
8.5
9.5
10.5
V
VBSth2
VBS UV turn off threshold
7.2
8.2
9.2
V
VBShys
VBS UV hysteresis
1.3
V
IQBS
VBS quiescent current
HVG ON
200
µA
ILK
High voltage leakage current
Vhvg = Vout =
Vboot = 600V
10
µA
High/low side driver
Iso
5,7
Source short circuit current
VIN = Vih (tp < 10µs)
300
400
mA
Isi
Sink short circuit current
VIN = Vil (tp < 10µs)
450
650
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com