Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JLM2902H-CD1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # JLM2902H-CD1
Description  Low power quad operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JLM2902H-CD1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button JLM2902H-CD1 Datasheet HTML 3Page - STMicroelectronics JLM2902H-CD1 Datasheet HTML 4Page - STMicroelectronics JLM2902H-CD1 Datasheet HTML 5Page - STMicroelectronics JLM2902H-CD1 Datasheet HTML 6Page - STMicroelectronics JLM2902H-CD1 Datasheet HTML 7Page - STMicroelectronics JLM2902H-CD1 Datasheet HTML 8Page - STMicroelectronics JLM2902H-CD1 Datasheet HTML 9Page - STMicroelectronics JLM2902H-CD1 Datasheet HTML 10Page - STMicroelectronics JLM2902H-CD1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LM2902H
Electrical characteristics
Doc ID 16486 Rev 1
7/13
Figure 3.
Large signal voltage gain
Figure 4.
Large signal frequency response
-40
0
40
80
120
160
0
20
40
60
80
100
120
Temperature (°C)
FREQUENCY (Hz)
1k
10k
100k
1M
+7V
2k
Ω
1k
Ω
100k
Ω
+15V
VO
-
+
VI
20
15
10
5
0
Figure 5.
Voltage follower pulse response
Figure 6.
Input bias current
010
20
30
40
TIME (
μs)
RL
2 k
Ω
VCC = +15V
4
3
2
1
0
3
2
1
Figure 7.
Supply current
Figure 8.
Output characteristics
0,01
0,1
1
10
100
0,001
Independent of VCC
Tamb = +25°C
+
-
VCC
VO
IO
VCC /2
OUTPUT SOURCE CURRENT (mA)
8
7
6
5
4
3
2
1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com