Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F102CBT6 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F102CBT6
Description  Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102CBT6 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F102CBT6 Datasheet HTML 65Page - STMicroelectronics STM32F102CBT6 Datasheet HTML 66Page - STMicroelectronics STM32F102CBT6 Datasheet HTML 67Page - STMicroelectronics STM32F102CBT6 Datasheet HTML 68Page - STMicroelectronics STM32F102CBT6 Datasheet HTML 69Page - STMicroelectronics STM32F102CBT6 Datasheet HTML 70Page - STMicroelectronics STM32F102CBT6 Datasheet HTML 71Page - STMicroelectronics STM32F102CBT6 Datasheet HTML 72Page - STMicroelectronics STM32F102CBT6 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
DocID15056 Rev 5
69/80
STM32F102x8, STM32F102xB
Electrical characteristics
79
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 33. The 10 nF capacitors
should be ceramic (good quality). They should be placed as close as possible to the chip.
Figure 33. Power supply and reference decoupling
5.3.18
Temperature sensor characteristics
VDDA
STM32F102xx
1 µF // 10 nF
VSSA
ai14980b
Table 49. TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
1. Guaranteed by characterization, not tested in production.
VSENSE linearity with temperature
±1.5
°C
Avg_Slope(1)
Average slope
4.35
mV/°C
V25(1)
Voltage at 25°C
1.42
V
tSTART(2)
2. Data guaranteed by design, not tested in production.
Startup time
4
10
µs
TS_temp(3)(2)
3. Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when reading the
temperature
17.1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com