Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TJM4558C Datasheet(PDF) 2 Page - STMicroelectronics

Part # TJM4558C
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TJM4558C Datasheet(HTML) 2 Page - STMicroelectronics

  TJM4558C Datasheet HTML 1Page - STMicroelectronics TJM4558C Datasheet HTML 2Page - STMicroelectronics TJM4558C Datasheet HTML 3Page - STMicroelectronics TJM4558C Datasheet HTML 4Page - STMicroelectronics TJM4558C Datasheet HTML 5Page - STMicroelectronics TJM4558C Datasheet HTML 6Page - STMicroelectronics TJM4558C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TJM4558
2/7
SCHEMATIC DIAGRAM (1/2 TJM4558)
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
3.1k
Ω
Inverting input
Non-inverting input
7.1k
Ω
87pF
7.1k
Ω
480
Ω
4.2k
Ω
36k
Ω
10pF
150
Ω
25
Ω
Output
25
Ω
VCC
VCC
Symbol
Parameter
TJM4558I
TJM4558C
Unit
VCC
Supply Voltage
±22
V
Vi
Input Voltage
±15
V
Vid
Differential Input Voltage
±30
V
Ptot
Power Dissipation
680
mW
Output Short Circuit Duration
Infinite
Toper
Operating Free-Air Temperature Range
-40 to +105
0 to +70
°C
Tstg
Storage Temperature
-65 to +150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
15
6
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
20
40
100
nA
Iib
Input Bias Current
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
50
100
400
nA
Avd
Large Signal Voltage Gain (RL = 2kΩ, Vo = ±10V)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
50
25
200
V/mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com