Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSV521A Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSV521A
Description  High merit factor (1.15 MHz for 45 μA) CMOS op amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV521A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSV521A Datasheet HTML 12Page - STMicroelectronics TSV521A Datasheet HTML 13Page - STMicroelectronics TSV521A Datasheet HTML 14Page - STMicroelectronics TSV521A Datasheet HTML 15Page - STMicroelectronics TSV521A Datasheet HTML 16Page - STMicroelectronics TSV521A Datasheet HTML 17Page - STMicroelectronics TSV521A Datasheet HTML 18Page - STMicroelectronics TSV521A Datasheet HTML 19Page - STMicroelectronics TSV521A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application information
TSV521, TSV522, TSV524, TSV521A, TSV522A, TSV524A
16/27
Doc ID 022743 Rev 1
4.7
Long term input offset voltage drift
In a product reliability evaluation, two types of stress acceleration are usable:
●
Voltage acceleration, by changing the applied voltage
●
Temperature acceleration, by changing the die temperature (below the maximum
junction temperature allowed by the technology) with the ambient temperature
The voltage acceleration has been defined based on JEDEC results, and is defined by:
Equation 2
where:
AFV is the voltage acceleration factor
ß
is the voltage acceleration constant in 1/V, constant technology parameter
VS is the stress voltage used for the accelerated test
VU is the use voltage for the application
The temperature acceleration is driven by the Arrhenius model, and is defined by:
Equation 3
where:
AFT is the temperature acceleration factor
Ea is the activation energy of the technology based on failure rate
k
is the Boltzmann’s constant
TU is the temperature of the die when VU is used
TS is the temperature of the die under temperature stress
The final acceleration factor, AF, is the multiplication of these two acceleration factors, which
is:
Equation 4
AF = AFT x AFV
Based on this AF, calculated following the defined usage temperature and usage voltage of
the product, the 1000 h duration of the stress corresponds to a number of equivalent months
of usage.
Equation 5
Months = AF x 1000 h x 12 months / (24h x 365.25 days)
A
FV
e
β
VS VU
–
()
⋅
=
A
FT
e
E
a
k
------
1
TU
------
1
TS
------
–
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com