Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYB30 Datasheet(PDF) 6 Page - CUI INC

Part # PYB30
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB30 Datasheet(HTML) 6 Page - CUI INC

  PYB30 Datasheet HTML 1Page - CUI INC PYB30 Datasheet HTML 2Page - CUI INC PYB30 Datasheet HTML 3Page - CUI INC PYB30 Datasheet HTML 4Page - CUI INC PYB30 Datasheet HTML 5Page - CUI INC PYB30 Datasheet HTML 6Page - CUI INC PYB30 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PYB30 │ DESCRIPTION: DC-DC CONVERTER
date
08/15/2013 │ page 6 of 7
Single
Vout
(Vdc)
Max.
Capacitive
Load
(μF)
Dual
Vout
(Vdc)
Max.
Capacitive
Load1
(μF)
Triple
Vout
(Vdc)
Max.
Capacitive
Load1
(μF)
--
--
--
--
3.3/±12
4700/300
5
6000
5
2000
3.3/±15
4700/220
12
2500
12
1250
5/±12
4700/300
15
1100
15
680
5/±15
4700/220
1.
Recommended circuit
This series has been tested according to the following recommended testing circuit before leaving the factory. This series should be
tested under load (see Figure 3). If you want to further decrease the input/output ripple, you can increase the capacitance accord-
ingly or choose capacitors with low ESR (see Table 3). However, the capacitance of the output filter capacitor must be appropriate. If
the capacitance is too high, a startup problem might arise. For every channel of the output, to ensure safe and reliable operation, the
maximum capacitance must be less than the maximum capacitive load (see Table 4).
APPLICATION NOTES
Figure 3
Table 3
Figure 4
Table 4
Note:
1. Minimum load shouldn't be less than 5%, otherwise ripple may increase dramatically. Operation under minimum load will not damage the converter, however, they may
not meet all specifications listed.
2. Maximum capacitive load is tested at input voltage range and full load.
3. All specifications are measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
DC
DC
Vin
GND
+Vo
0V
Cin
Cou t
Vin
GND
+Vo
0V
Cin
Cout
DC
DC
-Vo
Cou t
DC
DC
Vi n
GN D
Vo 2
Cout
0V
Cout
Cout
Vo 1
C in
-Vo 2
Single Output
Dual Output
Triple Output
Single
Vout
(Vdc)
Cin
(μF)
Cout
(μF)
Dual
Vout
(Vdc)
Cin
(μF)
Cout1
(μF)
Triple
Vout
(Vdc)
Cin
(μF)
Cout1
(μF)
--
--
--
--
--
--
3.3
10
10
5
10
10
±5
10
10
5
10
10
12
10
4.7
±12
10
4.7
±12
10
4.7
15
10
4.7
±15
10
4.7
±15
10
4.7
Vout
(Vdc)
R1
(KΩ)
R2
(KΩ)
R3
(KΩ)
Vref
(V)
5
2.883
2.864
10
2.5
12
10.971 2.864
17.8
2.5
15
14.497 2.864
17.8
2.5
+Vo
0V
R2
R1
R3
Vre f
RT
Trim
0V
R2
R1
R3
Vref
RT
Trim
+Vo
Tr im up
Tr im down
a
-a
R 2
a
R 1
R2
-a
R1
-R3
-R3
:
a=
Vref
Vref
Vo’ - Vref
Vo’ - Vref
R1
R=
T
:
a=
R2
R=
T
up
down
Note:
Value for R1, R2, R3, and Vref refer to Table 5
R
T: Trim Resistor
a: User-defined parameter, no actual meanings
Vo': The trim up/down voltage
Application Circuit for Trim pin
(part in broken line is the interior of models)
Formula for Trim Resistor
2.
Output voltage trimming
Leave open if not used.
Table 5
Note:
1. For each output.
Note:
1. For each output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com