Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23LCV1024T-IP Datasheet(PDF) 27 Page - Microchip Technology

Part # 23LCV1024T-IP
Description  1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV1024T-IP Datasheet(HTML) 27 Page - Microchip Technology

Back Button 23LCV1024T-IP Datasheet HTML 22Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 23Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 24Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 25Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 26Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 27Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 28Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 29Page - Microchip Technology 23LCV1024T-IP Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS25156A-page 27
23LCV1024
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not all possible ordering options
are shown below.
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
23LCV1024=
1 Mbit, 2.5 - 5.5V, SPI Serial SRAM
Tape & Reel:
Blank =
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
-40
C to+85C
Package:
SN
=
ST
=
P=
Plastic SOIC (3.90 mm body), 8-lead
Plastic TSSOP (4.4 mm body), 8-lead
Plastic PDIP (300 mil body), 8-lead
Examples:
a)
23LCV1024-I/ST = 1 Mbit, 2.5 - 5.5V Serial
SRAM, Industrial temp., TSSOP package
b)
23LCV1024-I/SN = 1 Mbit, 2.5 - 5.5V Serial
SRAM, Industrial temp., SOIC package
c)
23LCV1024-I/P = 1 Mbit, 2.5 - 5.5V Serial
SRAM, Industrial temp., PDIP package
–
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com