Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24AA256EST Datasheet(PDF) 15 Page - Microchip Technology

Part # 24AA256EST
Description  256K IC CMOS Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256EST Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24AA256EST Datasheet HTML 11Page - Microchip Technology 24AA256EST Datasheet HTML 12Page - Microchip Technology 24AA256EST Datasheet HTML 13Page - Microchip Technology 24AA256EST Datasheet HTML 14Page - Microchip Technology 24AA256EST Datasheet HTML 15Page - Microchip Technology 24AA256EST Datasheet HTML 16Page - Microchip Technology 24AA256EST Datasheet HTML 17Page - Microchip Technology 24AA256EST Datasheet HTML 18Page - Microchip Technology 24AA256EST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
 1998-2013 Microchip Technology Inc.
DS20001203T-page 15
24AA256/24LC256/24FC256
Package Marking Information (Continued)
8-Lead MSOP
Example:
XXXXXT
YWWNNN
4L256I
510017
8-Lead DFN-S
Example
:
XXXXXXX
T/XXXXX
YYWW
24LC256
I/MF
0510
017
NNN
First Line Marking Codes
Part No.
TSSOP Package Codes
MSOP Package Codes
TDFN Package Codes
24AA256
4AD
4A256T
—
24LC256
4LD
4L256T
EF4
24FC256
4FD
4F256T
—
8-Lead TSSOP
Example:
XXXX
TYWW
NNN
4LD
I510
017
3
e
8-Lead Chip Scale
XXX
XYYW
Example:
249
0017
WNNN
A051
8-Lead TDFN
Example
:
XXX
YWW
EF4
0510
017
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com