Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18FXX2-E/SP Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC18FXX2-E/SP
Description  High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18FXX2-E/SP Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC18FXX2-E/SP Datasheet HTML 45Page - Microchip Technology PIC18FXX2-E/SP Datasheet HTML 46Page - Microchip Technology PIC18FXX2-E/SP Datasheet HTML 47Page - Microchip Technology PIC18FXX2-E/SP Datasheet HTML 48Page - Microchip Technology PIC18FXX2-E/SP Datasheet HTML 49Page - Microchip Technology PIC18FXX2-E/SP Datasheet HTML 50Page - Microchip Technology PIC18FXX2-E/SP Datasheet HTML 51Page - Microchip Technology PIC18FXX2-E/SP Datasheet HTML 52Page - Microchip Technology PIC18FXX2-E/SP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 332 page
background image
© 2006 Microchip Technology Inc.
DS39564C-page 47
PIC18FXX2
OSCCON
—
—
—
—
—
—
—SCS
---- ---0
21
LVDCON
—
—
IRVST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
--00 0101
191
WDTCON
—
—
—
—
—
—
—SWDTE
---- ---0
203
RCON
IPEN
—
—RI
TO
PD
POR
BOR
0--1 11qq
53, 28, 84
TMR1H
Timer1 Register High Byte
xxxx xxxx
107
TMR1L
Timer1 Register Low Byte
xxxx xxxx
107
T1CON
RD16
—
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0-00 0000
107
TMR2
Timer2 Register
0000 0000
111
PR2
Timer2 Period Register
1111 1111
112
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0 -000 0000
111
SSPBUF
SSP Receive Buffer/Transmit Register
xxxx xxxx
125
SSPADD
SSP Address Register in I2C Slave mode. SSP Baud Rate Reload Register in I2C Master mode.
0000 0000
134
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
126
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
127
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
137
ADRESH
A/D Result Register High Byte
xxxx xxxx
187,188
ADRESL
A/D Result Register Low Byte
xxxx xxxx
187,188
ADCON0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0
181
ADCON1
ADFM
ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0
00-- 0000
182
CCPR1H
Capture/Compare/PWM Register1 High Byte
xxxx xxxx
121, 123
CCPR1L
Capture/Compare/PWM Register1 Low Byte
xxxx xxxx
121, 123
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
117
CCPR2H
Capture/Compare/PWM Register2 High Byte
xxxx xxxx
121, 123
CCPR2L
Capture/Compare/PWM Register2 Low Byte
xxxx xxxx
121, 123
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
117
TMR3H
Timer3 Register High Byte
xxxx xxxx
113
TMR3L
Timer3 Register Low Byte
xxxx xxxx
113
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
113
SPBRG
USART1 Baud Rate Generator
0000 0000
168
RCREG
USART1 Receive Register
0000 0000
175, 178,
180
TXREG
USART1 Transmit Register
0000 0000
173, 176,
179
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
166
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
167
EEADR
Data EEPROM Address Register
0000 0000
65, 69
EEDATA
Data EEPROM Data Register
0000 0000
69
EECON2
Data EEPROM Control Register 2 (not a physical register)
---- ----
65, 69
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
66
TABLE 4-2:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read '0' in all other Oscillator modes.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
These registers and bits are reserved on the PIC18F2X2 devices; always maintain these clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com