| Electronic Components Datasheet Search |
|
DSPIC33FJ32GP202TH/SO Datasheet(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/SO Datasheet(HTML) 64 Page - Microchip Technology |
|
64 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 64 Preliminary 2009 Microchip Technology Inc. TABLE 4-37: FUNDAMENTAL ADDRESSING MODES SUPPORTED 4.3.3 MOVE AND ACCUMULATOR INSTRUCTIONS Move instructions and the DSP accumulator class of instructions provide a greater degree of addressing flexibility than other instructions. In addition to the addressing modes supported by most MCU instructions, move and accumulator instructions also support Register Indirect with Register Offset Addressing mode, also referred to as Register Indexed mode. In summary, the following addressing modes are supported by move and accumulator instructions: • Register Direct • Register Indirect • Register Indirect Post-modified • Register Indirect Pre-modified • Register Indirect with Register Offset (Indexed) • Register Indirect with Literal Offset • 8-bit Literal • 16-bit Literal 4.3.4 MAC INSTRUCTIONS The dual source operand DSP instructions (CLR, ED, EDAC , MAC, MPY, MPY.N, MOVSAC and MSC), also referred to as MAC instructions, use a simplified set of addressing modes to allow the user application to effectively manipulate the data pointers through register indirect tables. The two-source operand prefetch registers must be members of the set {W8, W9, W10, W11}. For data reads, W8 and W9 are always directed to the X RAGU, and W10 and W11 are always directed to the Y AGU. The effective addresses generated (before and after modification) must, therefore, be valid addresses within X data space for W8 and W9 and Y data space for W10 and W11. In summary, the following addressing modes are supported by the MAC class of instructions: • Register Indirect • Register Indirect Post-Modified by 2 • Register Indirect Post-Modified by 4 • Register Indirect Post-Modified by 6 • Register Indirect with Register Offset (Indexed) 4.3.5 OTHER INSTRUCTIONS Besides the addressing modes outlined previously, some instructions use literal constants of various sizes. For example, BRA (branch) instructions use 16-bit signed lit- erals to specify the branch destination directly, whereas the DISI instruction uses a 14-bit unsigned literal field. In some instructions, such as ADD Acc, the source of an operand or result is implied by the opcode itself. Certain operations, such as NOP, do not have any operands. Addressing Mode Description File Register Direct The address of the file register is specified explicitly. Register Direct The contents of a register are accessed directly. Register Indirect The contents of Wn forms the Effective Address (EA). Register Indirect Post-Modified The contents of Wn forms the EA. Wn is post-modified (incremented or decremented) by a constant value. Register Indirect Pre-Modified Wn is pre-modified (incremented or decremented) by a signed constant value to form the EA. Register Indirect with Register Offset (Register Indexed) The sum of Wn and Wb forms the EA. Register Indirect with Literal Offset The sum of Wn and a literal forms the EA. Note: For the MOV instructions, the addressing mode specified in the instruction can differ for the source and destination EA. However, the 4-bit Wb (Register Offset) field is shared by both source and destination (but typically only used by one). Note: Not all instructions support all the address- ing modes given above. Individual instruc- tions may support different subsets of these addressing modes. Note: Register Indirect with Register Offset Addressing mode is available only for W9 (in X space) and W11 (in Y space). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |