Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ32GP202TE/MM Datasheet(PDF) 35 Page - Microchip Technology

Part # DSPIC33FJ32GP202TE/MM
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TE/MM Datasheet(HTML) 35 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TE/MM Datasheet HTML 31Page - Microchip Technology DSPIC33FJ32GP202TE/MM Datasheet HTML 32Page - Microchip Technology DSPIC33FJ32GP202TE/MM Datasheet HTML 33Page - Microchip Technology DSPIC33FJ32GP202TE/MM Datasheet HTML 34Page - Microchip Technology DSPIC33FJ32GP202TE/MM Datasheet HTML 35Page - Microchip Technology DSPIC33FJ32GP202TE/MM Datasheet HTML 36Page - Microchip Technology DSPIC33FJ32GP202TE/MM Datasheet HTML 37Page - Microchip Technology DSPIC33FJ32GP202TE/MM Datasheet HTML 38Page - Microchip Technology DSPIC33FJ32GP202TE/MM Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 35
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
The
Overflow
and
Saturation
Status
bits
can
optionally be viewed in the STATUS Register (SR) as
the logical OR of OA and OB (in bit OAB) and the
logical OR of SA and SB (in bit SAB). Programmers
can check one bit in the STATUS register to
determine if either accumulator has overflowed, or
one bit to determine if either accumulator has
saturated.
This
is
useful
for
complex
number
arithmetic, which typically uses both accumulators.
The device supports three Saturation and Overflow
modes:
• Bit 39 Overflow and Saturation:
When bit 39 overflow and saturation occurs, the
saturation logic loads the maximally positive 9.31
(0x7FFFFFFFFF) or maximally negative 9.31 value
(0x8000000000) into the target accumulator. The
SA or SB bit is set and remains set until cleared by
the user application. This condition is referred to as
‘super saturation’ and provides protection against
erroneous data or unexpected algorithm problems
(such as gain calculations).
• Bit 31 Overflow and Saturation:
When bit 31 overflow and saturation occurs, the
saturation logic then loads the maximally positive
1.31 value (0x007FFFFFFF) or maximally nega-
tive 1.31 value (0x0080000000) into the target
accumulator. The SA or SB bit is set and remains
set until cleared by the user application. When
this Saturation mode is in effect, the guard bits are
not used, so the OA, OB or OAB bits are never
set.
• Bit 39 Catastrophic Overflow:
The bit 39 Overflow Status bit from the adder is
used to set the SA or SB bit, which remains set
until cleared by the user application. No saturation
operation is performed, and the accumulator is
allowed to overflow, destroying its sign. If the
COVTE bit in the INTCON1 register is set, a
catastrophic overflow can initiate a trap exception.
3.7.3
ACCUMULATOR ‘WRITE BACK’
The MAC class of instructions (with the exception of
MPY,
MPY.N,
ED
and EDAC) can optionally write a
rounded version of the high word (bits 31 through 16)
of the accumulator that is not targeted by the instruction
into data space memory. The write is performed across
the X bus into combined X and Y address space. The
following addressing modes are supported:
• W13, Register Direct:
The rounded contents of the non-target
accumulator are written into W13 as a
1.15 fraction.
• [W13] + = 2, Register Indirect with Post-Increment:
The rounded contents of the non-target accumu-
lator are written into the address pointed to by
W13 as a 1.15 fraction. W13 is then incremented
by 2 (for a word write).
3.7.3.1
Round Logic
The round logic is a combinational block that performs
a conventional (biased) or convergent (unbiased)
round function during an accumulator write (store). The
Round mode is determined by the state of the RND bit
in the CORCON register. It generates a 16-bit, 1.15
data value that is passed to the data space write
saturation logic. If rounding is not indicated by the
instruction, a truncated 1.15 data value is stored and
the least significant word is simply discarded.
Conventional rounding zero-extends bit 15 of the accu-
mulator and adds it to the ACCxH word (bits 16 through
31 of the accumulator).
• If the ACCxL word (bits 0 through 15 of the accu-
mulator) is between 0x8000 and 0xFFFF (0x8000
included), ACCxH is incremented.
• If ACCxL is between 0x0000 and 0x7FFF, ACCxH
is left unchanged.
A consequence of this algorithm is that over a succes-
sion of random rounding operations, the value tends to
be biased slightly positive.
Convergent (or unbiased) rounding operates in the
same manner as conventional rounding, except when
ACCxL equals 0x8000. In this case, the Least
Significant bit (bit 16 of the accumulator) of ACCxH is
examined:
• If it is ‘1’, ACCxH is incremented.
• If it is ‘0’, ACCxH is not modified.
Assuming that bit 16 is effectively random in nature,
this scheme removes any rounding bias that may
accumulate.
The SAC and SAC.R instructions store either a
truncated (SAC), or rounded (SAC.R) version of the
contents of the target accumulator to data memory via
the
X
bus,
subject
to
data
saturation
(see
Section 3.7.3.2 “Data Space Write Saturation”). For
the MAC class of instructions, the accumulator write-
back operation functions in the same manner,
addressing combined MCU (X and Y) data space
though the X bus. For this class of instructions, the data
is always subject to rounding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com