Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WRITEVAR16 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # WRITEVAR16
Description  MC3PHAC Monolithic Intelligent Motor Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

WRITEVAR16 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button WRITEVAR16 Datasheet HTML 5Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 6Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 7Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 8Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 9Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 10Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 11Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 12Page - Freescale Semiconductor, Inc WRITEVAR16 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Features
MC3PHAC Monolithic Intelligent Motor Controller, Rev. 2
Freescale Semiconductor
9
High Precision Calculations — Up to 32-bit variable resolution is employed for precision control and
smooth performance. For example, the motor speed can be controlled with a resolution of 4 mHz.
Smooth Voltage Transitions — When the commanded speed of the motor passes through
±1 Hz, the
voltage is gently applied or removed depending on the direction of the speed change. This eliminates any
pops or surges that may occur, especially under conditions of high-voltage boost at low frequencies.
High-Side Bootstrapping — Many motor drive topologies (especially high-voltage drives) use
optocouplers to supply the PWM signal to the high-side transistors. Often, the high-side transistor drive
circuitry contains a charge pump circuit to create a floating power supply for each high-side transistor that
is dependent on low-side PWMs to develop power. When the motor has been off for a period of time, the
charge on the high-side power supply capacitor is depleted and must be replenished before proper PWM
operation can resume.
To accommodate such topologies, the MC3PHAC will always provide 100 ms of 50 percent PWM drive
to only the low-side transistors each time the motor is turned on. Since the top transistors remain off
during this time, it has the effect of applying zero volts to the motor, and no motion occurs. After this
period, motor waveform modulation begins, with PWM drive also being applied to the high-side
transistors.
Fast Velocity Updating — During periods when the motor speed is changing, the rate at which the
velocity is updated is critical to smooth operation. If these updates occur too infrequently, a ratcheting
effect will be exhibited on the motor, which inhibits smooth torque performance. However, velocity
profiling is a very calculation intensive operation to perform, which runs contrary to the previous
requirement.
In the MC3PHAC, a velocity pipelining technique is employed which allows linear interpolation of the
velocity values, resulting in a new velocity value every 189
µs (252 µs for 15.9 kHz PWMs). The net result
is ultra smooth velocity transitions, where each velocity step is not perceivable by the motor.
Dynamic Bus Ripple Cancellation — The dc bus voltage is sensed by the MC3PHAC, and any
deviations from a predetermined norm (3.5 V on the dc bus input pin) result in corrections to the PWM
values to counteract the effect of the bus voltage changes on the motor current. The frequency of this
calculation is sufficiently high to permit compensation for line frequency ripple, as well as slower bus
voltage changes resulting from regeneration or brown out conditions. See Figure 4.
Selectable Base Frequency — Alternating current (ac) motors are designed to accept rated voltage at
either 50 or 60 Hz, depending on what region of the world they were designed to be used. The MC3PHAC
can accommodate both types of motors by allowing the voltage profile to reach maximum value at either
50 or 60 Hz. This parameter can be specified at initialization in standalone mode, or it can be changed at
any time in PC master software mode.
Selectable PWM Polarity — The polarity of the PWM outputs may be specified such that a logic high on
a PWM output can either be the asserted or negated state of the signal. In standalone mode, this
parameter is specified at initialization and applies to all six PWM outputs. In PC master software mode,
the polarity of the top PWM signals can be specified separately from the polarity of the bottom PWM
signals.
This specification can be done at any time, but once it is done, the polarities are locked and cannot be
changed until a reset occurs. Also, any commands from PC master software that would have the effect
of enabling PWMs are prevented by the MC3PHAC until the polarity has been specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com