Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PYB20 Datasheet(PDF) 5 Page - CUI INC

Part # PYB20
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB20 Datasheet(HTML) 5 Page - CUI INC

  PYB20 Datasheet HTML 1Page - CUI INC PYB20 Datasheet HTML 2Page - CUI INC PYB20 Datasheet HTML 3Page - CUI INC PYB20 Datasheet HTML 4Page - CUI INC PYB20 Datasheet HTML 5Page - CUI INC PYB20 Datasheet HTML 6Page - CUI INC PYB20 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PYB20 │ DESCRIPTION: DC-DC CONVERTER
date
08/15/2013 │ page 5 of 7
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Recommended external circuit components
Vin (Vdc)
24
48
FUSE
Choose according to input current
MOV
S14K35
S14K60
LDM1
56μH56μH
TVS
SMCJ48A
SMCJ90A
C0
330μF/50V
330μF/100V
C1
1μF/50V
1μF/100V
LDM2
4.7μH
4.7μH
CY1
1nF/2KV
1nF/2KV
CY2
1nF/2KV
1nF/2KV
EMC RECOMMENDED CIRCUIT
LDM2
C0
TVS
LDM1
MOV
FUSE
(a)
(b)
C1
Vin
GND
+
Vin
GND
+Vo
-Vo
(0V)
EUT
LOAD
CY2
CY1
Figure 1
Figure 2
Table 1
Table 2
TEST CONFIGURATION
Note:
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
External components
Lin
4.7μH
Cin
220μF, ESR < 1.0Ω
at 100 KHz
DERATING CURVES
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60
85
70 80
Single Output Voltage ≤ 5 V
Dual Output Voltage ≤ 5 V
Dual Output Voltage > 5 V
Single Output Voltage > 5 V
Safe operating area
Without heatsink
With heatsink
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60
85
75
Safe operating area
Without heatsink
With heatsink
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60
85
70 80
Safe operating area
Without heatsink
With heatsink
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
85
75
65
Safe operating area
Without heatsink
With heatsink



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com