Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68040 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # M68040
Description  Freescale Semiconductor, Inc.
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68040 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button M68040 Datasheet HTML 67Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 68Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 69Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 70Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 71Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 72Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 73Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 74Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 442 page
background image
3- 22
M68040 USER'S MANUAL
MOTOROLA
Table 3-1. Updating U-Bit and M-Bit for Page Descriptors
Previous Status
Access
Page Descriptor
New Status
U-Bit
M-Bit
WP Bit
Type
Update Operation
U-Bit
M-Bit
0
0
Locked RMW Access to Set U
1
0
0
1
Locked RMW Access to Set U
1
1
1
0
X
Read
None
1
0
1
1
None
1
1
0
0
Write to Set U and M
1
1
0
1
Locked RMW Access to Set U
1
1
1
0
0
Write to Set M
1
1
1
1
Write
None
1
1
0
0
Locked RMW Access to Set U
1
0
0
1
Locked RMW Access to Set U
1
1
1
0
1
None
1
0
1
1
None
1
1
NOTE: WP indicates the accumulated write-protect status.
An alternate address space access is a special case that is immediately used as a
physical address without translation. Because the M68040 implements a merged
instruction and data space, the integer unit translates MOVES accesses to instruction
address spaces (SFC/DFC = $6 or $2) into data references (SFC/DFC = $5 or $1). The
data memory unit handles these translated accesses as normal data accesses. If the
access fails due to an ATC fault or a physical bus error, the resulting access error stack
frame contains the converted function code in the TM field for the faulted access.
Invalidation of the instruction cache line containing the referenced location to maintain
cache coherency must precede MOVES accesses that write the instruction address
space. The SFC and DFC values and results are listed in Table 3-2.
Table 3-2. SFC and DFC Values
Results
SFC/DFC Value
TT
TM
000
10
000
001
00
001
010
00
001
011
10
011
100
10
100
101
00
101
110
00
101
111
10
111
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com