Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P1022DS Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # P1022DS
Description  Integrated media and communications processor development system
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1022DS Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  P1022DS Datasheet HTML 1Page - Freescale Semiconductor, Inc P1022DS Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Learn More: For current information about Freescale
products and documentation, please visit
freescale.com/QorIQ.
Freescale,theFreescalelogoandCodeWarrioraretrademarksofFreescaleSemiconductor,Inc.,Reg.U.S.Pat.&Tm.Off.
TheEnergy-EfficientSolutionslogoandQorIQaretrademarksofFreescaleSemiconductor,Inc.Allotherproductorservice
namesarethepropertyoftheirrespectiveowners.ThePowerArchitectureandPower.orgwordmarksandthePowerand
Power.org logos and related marks are trademarks and service marks licensed by Power.org.
© 2010, 2011 Freescale Semiconductor, Inc.
DocumentNumber:P1022DSFS/REV1
P1022 Development System
• P1022QorIQcommunications processor,
builtonPowerArchitecturetechnology
• Memory
64-bitdual-rankDDR3DIMMwith8-bit
ECCsupport
128MBNORflashmemory
1GB2K-blockNANDflashmemory
16MBSPIROM
256BNVRAM
• PCIExpress:ThreePCIExpressinterfaces
• SATA:TwoindependentSATA2.0
controllers
• Ethernet:Two10/100/1000MbpsPHYs
usingRGMIIinterfaces
• IEEE1588
Clockinputfromprecisionoscillator
• DualI2C
• Dual(internalandexternal)SDHCslot
• USB:TwoUSBinterfaces
• UARTs:TwoDB9connectors
• SATA2
• TDM:DualSLICinterfaces
• GPIO:16
• Two10/100/1000Ethernetconnectors
• Systemlogic(PixisFPGA)
Manages system reset sequencing
Manages system bus clock speed
selections
Implements registers for system control
and monitoring
• SystemandDDRclock
Canbeindependentlysettooneofeight
commonsettingsintheinterval66MHz–
166MHz
• Powersupplies
PMBuscontrolledsuppliesforVDD,
SVDD/XVDD,OVDDandGVDD
• Video
InternalLVDSencoderattached
800x6008"LCDpanelorDVI
• Audio
Stereo24-bitI2S audio with headphone
output and microphone input
• Documentation
Referencemanual
Schematics
Billofmaterials
Board-relateddocumentation
Configurationguide
• Softwaretools
Linux2.6.xkernel
CrosscompileandnativeGNUtoolchain
CodeWarriorUSBTAP
P1022DS Block Diagram
DDR3
DIMM
Line
In/Out
Security
Acceleration
(optional)
XOR
System Bus
2 x Gigabit
Ethernet
2 x
SATA
2 x
USB
10/100/
1G
PHY
2-ch. DMA Controller
2-ch. DMA Controller
3 x PCI Express®
3 x PCI Express®
On-Chip Network
On-Chip Network
4-lane SerDes
2-lane SerDes
32 KB
L1 I-Cache
e500 Core
32 KB
L1 D-Cache
Coherency Module
256 KB
L2 Cache
32 KB
L1 I-Cache
e500 Core
32 KB
L1 D-Cache
DDR2/DDR3
SDRAM
Controller
Enhanced
Local Bus
Controller
(eLBC)
SDHC
SPI
TDM
SSI
EN
OK
Dual
RJ45
ATX
USB
Chassis
Header
RJ11
x4
PCI Express x1/x2/x4
PCI Express x2
PCI Express x1 slot/MiniPCI
I2S
Codec
ULPI
ULPI
SLIC
x2
DIU
SPI Flash
SD Card
I2C
PMBus GVDD/VREF
PMBus VDD
PMBus SVDD/XVDD
PMBus OVDD
Touch Screen
SD Card
DVI Encoder
LVDS Encoder
NOR Flash
PROMJET
PIXIS
DVI
Single Link
DFP
NAND Flash
SATA
SATA
Optional



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com