Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC5604EEMLH Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PPC5604EEMLH
Description  MPC5604E Microcontroller Data Sheet
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5604EEMLH Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PPC5604EEMLH Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC5604EEMLH Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
MPC5604E Microcontroller Data Sheet, Rev. 4
Electrical characteristics
Freescale Semiconductor
28
•VDD_LV_COR (1.2V) — This is the core logic supply. In the internal regulation mode, the core supply is derived from
the main supply via an on-chip linear regulator driving an internal PMOS ballast transistor. The PMOS ballast
transistors are located in the pad ring and their source connectors are directly bonded to a dedicated pin. See Figure 4.
Figure 4. Internal Regulation Mode
The core supply can also be provided externally. Table 12 shows how to connect VDD_HV_S_BALLAST pin for internal and
external core supply mode.
NOTE
VDD_HV_S_BALLAST pin is the supply pin, which carries the entire core logic current in the
internal regulation mode, while in external regulation mode it is used as a signal to bypass
the regulator.
Table 12. Core Supply Select
Mode
VDD_HV_S_Ballast
Internal supply mode (via internal PMOS ballast
transistors)
VDD_HV_IO (3.3V)
External supply mode (e.g., via external switched
regulator)
VDD_LV_COR (1.2V)
3.3V
1.2V
Pads Pins
Vreg
LVD
Vss_HV_IO0_X
POR_B
Vdd_LV_COR0_X
(3 supply pairs)
Vss_LV_COR0_X
Vdd_LV_REGCOR0
Vdd_HV_S_Ballast0/1
Vdd_HV_IO0_X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com