Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Y2B32021026 Datasheet(PDF) 3 Page - EPCOS

Part # Y2B32021026
Description  Film Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

Y2B32021026 Datasheet(HTML) 3 Page - EPCOS

  Y2B32021026 Datasheet HTML 1Page - EPCOS Y2B32021026 Datasheet HTML 2Page - EPCOS Y2B32021026 Datasheet HTML 3Page - EPCOS Y2B32021026 Datasheet HTML 4Page - EPCOS Y2B32021026 Datasheet HTML 5Page - EPCOS Y2B32021026 Datasheet HTML 6Page - EPCOS Y2B32021026 Datasheet HTML 7Page - EPCOS Y2B32021026 Datasheet HTML 8Page - EPCOS Y2B32021026 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Approvals
Approval marks
Standards
Certificate
EN 60384-14 / IEC 60384-14 (300 V AC)
40018909
UL1414 (250 V AC), UL1283 (400 V AC)
E97863, E301966
1)
CSA C22.2 No. 1 (250 V AC)
CSA C22.2 No. 8 (400 V AC)
E97863
E301966
1) approved by UL
Overview of available types
Lead spacing 10 mm
15 mm
22.5 mm
27.5 mm
37.5 mm
Type
B32021
B32022
B32023
B32024
B32026
CR (
µF)
0.0010
0.0015
0.0022
0.0033
0.0047
0.0056
0.0068
0.0082
0.010
0.015
0.022
0.033
0.047
0.056
0.068
0.082
0.10
0.15
0.22
0.33
0.39
0.47
0.56
0.68
0.82
1.0
B32021 ... B32026
Y2 / 300 V AC
Page 3 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com