Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT34TS02 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT34TS02
Description  Digital Output Temperature Sensor with On-board SPD EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS02 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT34TS02_13 Datasheet HTML 1Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 2Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 3Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 4Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 5Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 6Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 7Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 8Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CAT34TS02
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC = 3.3 V, TA = −20°C to +125°C, unless otherwise specified.)
Figure 2. TS Active Current (Rev. B)
(I2C−bus and SPD EEPROM Idle)
TAMB (°C)
TAMB (°C)
125
100
75
50
25
0
−25
0
50
100
150
200
250
300
150
100
75
50
25
0
−25
−50
0
1
2
3
4
5
6
7
TAMB (°C)
125
100
75
50
25
0
−25
100
200
300
400
500
125
Figure 3. TS Active Current (Rev. C)
(I2C−bus and SPD EEPROM Idle)
TAMB (°C)
TAMB (°C)
125
100
75
50
25
0
−25
0
50
100
150
200
250
300
100
75
50
25
0
−25
0
1
2
3
4
TAMB (°C)
125
100
75
50
25
0
−25
100
200
300
400
500
125
Figure 4. Standby Current (Rev. B) (I2C−bus
and SPD EEPROM Idle, TS Shut−down)
Figure 5. Standby Current (Rev. C) (I2C−bus
and SPD EEPROM Idle, TS Shut−down)
Figure 6. SPD EEPROM Write Current (Rev. B)
(I2C−bus Idle, TS Shut−down)
Figure 7. SPD EEPROM Write Current (Rev. C)
(I2C−bus Idle, TS Shut−down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com