Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDSM-281C Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSM-281C
Description  0.28??(7.0mm) Single digit surface mount LED display
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSM-281C Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSM-281C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSM-281C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSM-281C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSM-281C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSM-281C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSM-281C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSM-281C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSM-281C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSM-281C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Pin Connection (Common Anode)
PIN No
Connection
1
CATHODE G
2
CATHODE DP1
3
CATHODE F
4
COMMON ANODE
5
CATHODE A
6
CATHODE B
7
CATHODE DP2
8
CATHODE C
9
COMMON ANODE
10
CATHODE D
11
CATHODE E
Internal Circuit Diagram (Common Anode)
4,9
A
B
C
D
E
F
GDP1
DP2
5
6
8
10
11
3
1
2
7
Pin Connection (Common Cathode)
PIN No
Connection
1
ANODE G
2
ANODE DP1
3
ANODE F
4
COMMON CATHODE
5
ANODE A
6
ANODE B
7
ANODE DP2
8
ANODE C
9
COMMON CATHODE
10
ANODE D
11
ANODE E
Internal Circuit Diagram (Common Cathode)
4,9
A
B
C
D
E
F
GDP1
DP2
5
6
8
10
11
3
1
2
7
Absolute Maximum Ratings @ TA=25°
Parameter
Green/Yellow/Red/Orange
Unit
Power Dissipation Per Segment
65
mW
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
100
mA
Continuous Forward Current Per Segment
Derating Linearly From 25°C Per Segment
25
mA
0.25
mA/ °C
Reverse Voltage Per Segment
5
V
Operating Temperature Range
-40°C to +105°C
Storage Temperature Range
-40°C to +105°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com