Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD976BN Datasheet(PDF) 9 Page - Analog Devices

Part # AD976BN
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD976BN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD976BN Datasheet HTML 5Page - Analog Devices AD976BN Datasheet HTML 6Page - Analog Devices AD976BN Datasheet HTML 7Page - Analog Devices AD976BN Datasheet HTML 8Page - Analog Devices AD976BN Datasheet HTML 9Page - Analog Devices AD976BN Datasheet HTML 10Page - Analog Devices AD976BN Datasheet HTML 11Page - Analog Devices AD976BN Datasheet HTML 12Page - Analog Devices AD976BN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD976/AD976A
–9–
REV. C
R/
C
CS
BYTE
PINS 6–13
PINS 15–22
HI-Z
HIGH BYTE
LOW BYTE
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
HI-Z
t
14
t
12
t
12
t
14
t
9
Figure 4. Using CS and BYTE to Control Data Bus Read Timing
Regardless of the method for controlling conversions, output
data from conversion “n–1” will be valid during the BUSY Low
time for roughly 3.7
µs (AD976A only), and output data from
conversion “n” will be valid at the end of a conversion, 50 ns
(t10) before BUSY returns High. It is recommended, however,
that data is read only after BUSY goes high since this timing is
much more clearly defined and provides optimal performance.
Figure 4 demonstrates the functionality of the BYTE pin and
shows how the data will be valid in Binary Twos Complement
format only when R/C is asserted High and CS is Low. The
BYTE pin enables the output data on the bus to be read as a
full parallel output or as two 8-bit bytes on Pins 6–13 and Pins
15–22.
ANALOG INPUTS
Figure 5 shows the analog input section for the AD976 when
operating with an internal reference. The analog input range is
nominally a bipolar –10 V to +10 V. Since the AD976/AD976A
can be operated with an internal or external reference, the full-
scale analog input range can be best represented as
±4 V
REF.
The nominal input impedance is 23 k
Ω/13 kΩ with a 22 pF
input capacitance. The analog input section also has a
±25 V
overvoltage protection. Since the AD976/AD976A has two
analog grounds it is important to ensure that the analog input is
referenced to the AGND1 pin, the low current ground. This
will minimize any problems associated with a resistive ground
drop. It is also important to ensure that the analog input of the
AD976/AD976A is driven by a low impedance source. With its
primarily resistive analog input circuitry, the ADC can be driven
by a wide selection of general purpose amplifiers.
To best match the low distortion requirements of the AD976/
AD976A, care should be taken in the selection of the drive
circuitry op amp. Figure 6 shows the analog input section for
the AD976A when operating with an internal reference only.
Figure 9 shows the analog input section for both the AD976 and
the AD976A when operating with an external reference.
VIN
AGND1
REF
CAP
AGND2
10V INPUT
R2
33.2k
C2
2.2 F
AD976
R1
200
C1
2.2 F
Figure 5.
±10 V Input Connection for the AD976 (Internal
Reference)
C1
2.2 F
R2
66.4k
VANA
VIN
AGND1
REF
CAP
AGND2
10V INPUT
C2
2.2 F
AD976A
R1
200
+5V
Figure 6.
±10 V Input Connection for the AD976A (Internal
Reference) Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com