Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7841EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-AD7841EBZ
Description  Octal 14-Bit, Parallel Input, Voltage-Output DAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7841EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-AD7841EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7841EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AD7841
–4–
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = 25
°C unless otherwise noted)
VCC to GND
3
. . . . . . . . . . . . . . –0.3 V, +7 V or VDD + 0.3 V
(Whichever Is Lower)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V, –17 V
Digital Inputs to GND . . . . . . . . . . . . . . –0.3 V, VCC + 0.3 V
VREF(+) to VREF(–) . . . . . . . . . . . . . . . . . . . . . –0.3 V, +18 V
VREF(+) to GND . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VREF(–) to GND . . . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
DUTGND to GND . . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
VOUT (A–H) to GND . . . . . . . . . . . . VSS – 0.3 V, VDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
MQFP Package
Power Dissipation . . . . . . . . . . . . . . . . . (TJ Max – TA)/
θJA
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 95°C/W
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
3V
CC must not exceed VDD by more than 0.3 V. If it is possible for this to happen
during power supply sequencing, the following diode protection scheme will ensure
protection.
PIN CONFIGURATION
3
4
5
6
7
1
2
10
11
8
9
40
39
38
41
42
43
44
36
35
34
37
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12
13
14
15
16
17
18
19
20
21
22
29
30
31
32
33
27
28
25
26
23
24
DUTGND_GH
VOUTH
VREF(–)GH
VREF(+)GH
CLR
DB13
DB12
AD7841
DUTGND_AB
VOUTA
VREF(–)AB
VREF(+)AB
VDD
VSS
LDAC
A2
A1
A0
CS
DB11
DB10
DB9
DB8
VDD
VCC
AD7841
HP5082-2811
VDD
VCC
IN4148
REV. B
Lead Temperature ............................JEDEC Industry Standard
Soldering ......................................................................J-STD-020
ESD .................................................................................. >4000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com