Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDSM-541W Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSM-541W
Description  0.56inch (14.0mm) Dual digit surface mount LED display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSM-541W Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSM-541W Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSM-541W Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSM-541W Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSM-541W Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSM-541W Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Pin Connection (Common Anode)
Pin No.
Connection
1
CATHODE G
2
CATHODE DP
3
CATHODE A
4
CATHODE F
5
COMMON ANODE DIG2
6
CATHODE D
7
CATHODE E
8
CATHODE C
9
CATHODE E
10
COMMON ANODE DIG1
Pin Connection (Common Cathode)
Pin No.
Connection
1
ANODE G
2
ANODE DP
3
ANODE A
4
ANODE F
5
COMMON CATHODE DIG2
6
ANODE D
7
ANODE E
8
ANODE C
9
ANODE B
10
COMMON CATHODE DIG1
Internal Circuit Diagram (Common Anode)
Internal Circuit Diagram (Common Cathode)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com