Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWH10104JVC Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # ECWH10104JVC
Description  Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10104JVC Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button ECWH10104JVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH10104JVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH10104JVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH10104JVC Datasheet HTML 9Page - Panasonic Semiconductor ECWH10104JVC Datasheet HTML 10Page - Panasonic Semiconductor ECWH10104JVC Datasheet HTML 11Page - Panasonic Semiconductor ECWH10104JVC Datasheet HTML 12Page - Panasonic Semiconductor ECWH10104JVC Datasheet HTML 13Page - Panasonic Semiconductor ECWH10104JVC Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.0010
102
6.0
0.0015
152
9.0
0.0022
222
13.2
0.0033
332
19.8
0.0047
472
28.2
0.0068
682
40.8
0.0100
103
60.0
0.0150
153
90.0
2000VDC
6000
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Permissible Current
Voltage Derating by Temperature
0
500
1000
1500
2000
2500
-40
-20
0
20
40
60
80
100 120
0
0.5
1
1.5
2
2.5
3
3.5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECWH(V) Type 2000VDC Series (Metallized Polypropylene Film)
Applicable Specifications
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
From 0.001uF to 0.015uF
0.001uF
0.0015uF
0.0022uF
0.0033uF
0.0047uF
0.0068uF
0.01uF
0.015uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com