Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1_C0 Datasheet(PDF) 40 Page - Altera Corporation

Part # PLL1_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL1_C0 Datasheet(HTML) 40 Page - Altera Corporation

Back Button PLL1_C0 Datasheet HTML 36Page - Altera Corporation PLL1_C0 Datasheet HTML 37Page - Altera Corporation PLL1_C0 Datasheet HTML 38Page - Altera Corporation PLL1_C0 Datasheet HTML 39Page - Altera Corporation PLL1_C0 Datasheet HTML 40Page - Altera Corporation PLL1_C0 Datasheet HTML 41Page - Altera Corporation PLL1_C0 Datasheet HTML 42Page - Altera Corporation PLL1_C0 Datasheet HTML 43Page - Altera Corporation PLL1_C0 Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 274 page
background image
3–6
Chapter 3: Memory Blocks in the Cyclone III Device Family
Overview
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
The address clock enable is typically used to improve the effectiveness of cache
memory applications during a cache-miss. The default value for the address clock
enable signals is low.
Figure 3–4 and Figure 3–5 show the address clock enable waveform during read and
write cycles, respectively.
Mixed-Width Support
M9K memory blocks support mixed data widths. When using simple dual-port, true
dual-port, or FIFO modes, mixed width support allows you to read and write
different data widths to an M9K memory block. For more information about the
different widths supported per memory mode, refer to “Memory Modes” on
page 3–7.
Figure 3–4. Cyclone III Device Family Address Clock Enable During Read Cycle Waveform
Figure 3–5. Cyclone III Device Family Address Clock Enable During Write Cycle Waveform
inclock
rden
rdaddress
q (synch)
a0
a1
a2
a3
a4
a5
a6
q (asynch)
an
a0
a4
a5
latched address
(inside memory)
dout0
dout1
dout1
dout4
dout1
dout4
dout5
addressstall
a1
doutn-1
dout1
doutn
doutn
dout1
dout0
dout1
inclock
wren
wraddress
a0
a1
a2
a3
a4
a5
a6
an
a0
a4
a5
latched address
(inside memory)
addressstall
a1
data
00
01
02
03
04
05
06
contents at a0
contents at a1
contents at a2
contents at a3
contents at a4
contents at a5
XX
04
XX
00
03
01
XX
02
XX
XX
XX
05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com