| Electronic Components Datasheet Search |
|
PLL1_C2 Datasheet(PDF) 70 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C2 Datasheet(HTML) 70 Page - Altera Corporation |
|
70 / 274 page ![]() 5–10 Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family Cyclone III Device Family PLL Hardware Overview Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 Cyclone III Device Family PLL Hardware Overview This section gives a hardware overview of the Cyclone III device family PLL. Figure 5–6 shows a simplified block diagram of the major components of the PLL of the Cyclone III device family. 1 The VCO post-scale counter K is used to divide the supported VCO range by two. The VCO frequency reported by the Quartus II software in the PLL summary section of the compilation report takes into consideration the VCO post-scale counter value. Therefore, if the VCO post-scale counter has a value of 2, the frequency reported is lower than the fVCO specification specified in the Cyclone III Device Data Sheet and Cyclone III LS Device Data Sheet chapters. External Clock Outputs Each PLL of the Cyclone III device family supports one single-ended clock output or one differential clock output. Only the C0 output counter can feed the dedicated external clock outputs, as shown in Figure 5–7, without going through the GCLK. Other output counters can feed other I/O pins through the GCLK. Figure 5–6. Cyclone III Device Family PLL Block Diagram (1) Notes to Figure 5–6: (1) Each clock source can come from any of the four clock pins located on the same side of the device as the PLL. (2) This is the VCO post-scale counter K. (3) This input port is fed by a pin-driven dedicated GCLK, or through a clock control block if the clock control block is fed by an output from another PLL or a pin-driven dedicated GCLK. An internally generated global signal cannot drive the PLL. Clock Switchover Block inclk0 inclk1 Clock inputs from pins GCLK pfdena clkswitch clkbad0 clkbad1 activeclock PFD LOCK circuit lock ÷n CP LF VCO ÷2 (2) ÷C0 ÷C1 ÷C2 ÷C3 ÷C4 ÷M PLL output mux GCLKs External clock output 8 8 4 GCLK networks no compensation; ZDB mode source-synchronous; normal mode VCO Range Detector VCOOVRR VCOUNDR (3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |