| Electronic Components Datasheet Search |
|
PLL1_C3 Datasheet(PDF) 135 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C3 Datasheet(HTML) 135 Page - Altera Corporation |
|
135 / 274 page ![]() Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family 7–13 High-Speed I/O Standards Support December 2011 Altera Corporation Cyclone III Device Handbook Volume 1 Figure 7–9 shows the LVPECL DC-coupled termination. Differential SSTL I/O Standard Support in the Cyclone III Device Family The differential SSTL I/O standard is a memory-bus standard used for applications such as high-speed DDR SDRAM interfaces. The Cyclone III device family supports differential SSTL-2 and SSTL-18 I/O standards. The differential SSTL output standard is only supported at PLL#_CLKOUT pins using two single-ended SSTL output buffers (PLL#_CLKOUTp and PLL#_CLKOUTn), with the second output programmed to have opposite polarity. The differential SSTL input standard is supported on the GCLK pins only, treating differential inputs as two single-ended SSTL and only decoding one of them. The differential SSTL I/O standard requires two differential inputs with an external reference voltage (VREF) as well as an external termination voltage (VTT) of 0.5 × VCCIO to which termination resistors are connected. f For more information about the differential SSTL electrical specifications, refer to the I/O Features in the Cyclone III Device Family chapter and the Cyclone III Device Data Sheet and Cyclone III LS Device Data Sheet chapters. Figure 7–10 shows the differential SSTL Class I interface. Figure 7–9. LVPECL DC-Coupled Termination Cyclone III Device Family LVPECL Receiver 100 50 50 LVPECL Transmitter Figure 7–10. Differential SSTL Class I Interface Output Buffer Receiver VTT VTT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |