| Electronic Components Datasheet Search |
|
PLL1_C3 Datasheet(PDF) 14 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL1_C3 Datasheet(HTML) 14 Page - Altera Corporation |
|
14 / 274 page ![]() 1–2 Chapter 1: Cyclone III Device Family Overview Cyclone III Device Family Features Cyclone III Device Handbook July 2012 Altera Corporation Volume 1 Design Security Feature Cyclone III LS devices offer the following design security features: ■ Configuration security using advanced encryption standard (AES) with 256-bit volatile key ■ Routing architecture optimized for design separation flow with the Quartus® II software ■ Design separation flow achieves both physical and functional isolation between design partitions ■ Ability to disable external JTAG port ■ Error Detection (ED) Cycle Indicator to core ■ Provides a pass or fail indicator at every ED cycle ■ Provides visibility over intentional or unintentional change of configuration random access memory (CRAM) bits ■ Ability to perform zeroization to clear contents of the FPGA logic, CRAM, embedded memory, and AES key ■ Internal oscillator enables system monitor and health check capabilities Increased System Integration ■ High memory-to-logic and multiplier-to-logic ratio ■ High I/O count, low-and mid-range density devices for user I/O constrained applications ■ Adjustable I/O slew rates to improve signal integrity ■ Supports I/O standards such as LVTTL, LVCMOS, SSTL, HSTL, PCI, PCI-X, LVPECL, bus LVDS (BLVDS), LVDS, mini-LVDS, RSDS, and PPDS ■ Supports the multi-value on-chip termination (OCT) calibration feature to eliminate variations over process, voltage, and temperature (PVT) ■ Four phase-locked loops (PLLs) per device provide robust clock management and synthesis for device clock management, external system clock management, and I/O interfaces ■ Five outputs per PLL ■ Cascadable to save I/Os, ease PCB routing, and reduce jitter ■ Dynamically reconfigurable to change phase shift, frequency multiplication or division, or both, and input frequency in the system without reconfiguring the device ■ Remote system upgrade without the aid of an external controller ■ Dedicated cyclical redundancy code checker circuitry to detect single-event upset (SEU) issues ■ Nios® II embedded processor for Cyclone III device family, offering low cost and custom-fit embedded processing solutions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |