Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PMPB33XP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMPB33XP
Description  20 V, single P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB33XP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMPB33XP Datasheet HTML 4Page - NXP Semiconductors PMPB33XP Datasheet HTML 5Page - NXP Semiconductors PMPB33XP Datasheet HTML 6Page - NXP Semiconductors PMPB33XP Datasheet HTML 7Page - NXP Semiconductors PMPB33XP Datasheet HTML 8Page - NXP Semiconductors PMPB33XP Datasheet HTML 9Page - NXP Semiconductors PMPB33XP Datasheet HTML 10Page - NXP Semiconductors PMPB33XP Datasheet HTML 11Page - NXP Semiconductors PMPB33XP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NXP Semiconductors
PMPB33XP
20 V, single P-channel Trench MOSFET
PMPB33XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
5 September 2012
8 / 14
Tj (°C)
-60
180
120
0
60
017aaa790
-0.4
-0.8
-1.2
VGS(th)
(V)
0
max
typ
min
ID = -0.25 mA; VDS = VGS
Fig. 12. Gate-source threshold voltage as a function of
junction temperature
017aaa791
VDS (V)
-10-1
-102
-10
-1
103
104
C
(pF)
102
Ciss
Coss
Crss
f = 1 MHz; VGS = 0 V
Fig. 13. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
QG (nC)
0
20
16
8
12
4
017aaa792
-1.5
-3.0
-4.5
VGS
(V)
0
ID = -5 A; VDS = -10 V; Tamb = 25 °C
Fig. 14. Gate-source voltage as a function of gate
charge; typical values
017aaa137
VGS
VGS(th)
QGS1 QGS2
QGD
VDS
QG(tot)
ID
QGS
VGS(pl)
Fig. 15. Gate charge waveform definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com