Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BCR16PR-12LB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR16PR-12LB
Description  600V - 16A - Triac Medium Power Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16PR-12LB Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR16PR-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR16PR-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR16PR-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR16PR-12LB Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCR16PR-12LB
Preliminary
R07DS0974EJ0001 Rev.0.01
Page 2 of 3
Nov 28, 2012
Electrical Characteristics
Rated value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak off-state current
IDRM
—
—
2.0
mA
Tj = 150
C, V
DRM applied
On-state voltage
VTM
—
—
1.5
V
Tc = 25
C, I
TM = 25A,
instantaneous measurement
VFGT
—
—
1.5
V

VRGT
—
—
1.5
V
Gate trigger voltage
Note2

VRGT
—
—
1.5
V
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
IFGT
—
—
30
Note4
mA

IRGT
—
—
30
Note4
mA
Gate trigger curent
Note2

IRGT
—
—
30
Note4
mA
Tj = 25
C, V
D = 6 V, RL = 6 ,
RG = 330 
0.2
—
—
Tj = 125
C, V
D = 1/2 VDRM
Gate non-trigger voltage
VGD
0.1
—
—
V
Tj = 150
C, V
D = 1/2 VDRM
Thermal resistance
Rth (j-c)
—
—
3.0
C/W
Junction to case
Note3
10
—
—
Tj = 125
C
Critical-rate of rise of off-state
commutation voltage
Note5
(dv/dt)c
1
—
—
V/
s
Tj = 150
C
Notes: 1. Gate open.
2. Measurement using the gate trigger characteristics measurement circuit.
3. The contact thermal resistance Rth (c-f) in case of greasing is 0.5C /W.
4. High sensitivity (IGT
 20 mA) is also available (I
GT item: 1).
5. Test conditions of the critical-rate of rise of off-state commutation voltage is shown in the table below.
6. Make sure that your finished product containing this device meets your safe isolation requirements.
For safety, it's advisable that heatsink is electrically floating.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj = 125/150
C
2. Rate of decay of on-state commutating current
(di/dt)c = –8.0A/ms
3. Peak off-state voltage
VD = 400 V
Supply Voltage
Time
Time
Time
Main Current
Main Voltage
(di/dt)c
VD
(dv/dt)c



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com