Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP2C5 Datasheet(PDF) 34 Page - Altera Corporation

Part # EP2C5
Description  This datasheet describes enhanced configuration (EPC) devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5 Datasheet(HTML) 34 Page - Altera Corporation

Back Button EP2C5 Datasheet HTML 28Page - Altera Corporation EP2C5 Datasheet HTML 29Page - Altera Corporation EP2C5 Datasheet HTML 30Page - Altera Corporation EP2C5 Datasheet HTML 31Page - Altera Corporation EP2C5 Datasheet HTML 32Page - Altera Corporation EP2C5 Datasheet HTML 33Page - Altera Corporation EP2C5 Datasheet HTML 34Page - Altera Corporation EP2C5 Datasheet HTML 35Page - Altera Corporation EP2C5 Datasheet HTML 36Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Page 34
Package
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Package Layout Recommendation
Sharp flash-based EPC16 and EPC8 devices in the 100-pin PQFP packages have
different package dimensions than other Altera 100-pin PQFP devices (including the
Micron flash-based EPC4 and Intel flash-based EPC16, EPC8, and EPC4). Figure 9
shows the 100-pin PQFP PCB footprint specifications for EPC devices that allows
vertical migration between all devices. These footprint dimensions are based on
vendor-supplied package outline diagrams.
f For more information about package outline drawings, refer to the Package and
Thermal Resistance page.
Figure 9. EPC Device PCB Footprint Specifications for 100-Pin PQFP Packages (1), (2)
Notes to Figure 9:
(1) Used 0.5-mm increase for front and back of nominal foot length.
(2) Used 0.3-mm increase to maximum foot width.
2.4 mm
0.65-mm Pad Pitch
0.410 mm
0.325 mm
25.3 mm
19.3 mm
1.0
2.0
0.5
1.5
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com