Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TL431AFDT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TL431AFDT
Description  Adjustable precision shunt regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431AFDT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TL431AFDT Datasheet HTML 3Page - NXP Semiconductors TL431AFDT Datasheet HTML 4Page - NXP Semiconductors TL431AFDT Datasheet HTML 5Page - NXP Semiconductors TL431AFDT Datasheet HTML 6Page - NXP Semiconductors TL431AFDT Datasheet HTML 7Page - NXP Semiconductors TL431AFDT Datasheet HTML 8Page - NXP Semiconductors TL431AFDT Datasheet HTML 9Page - NXP Semiconductors TL431AFDT Datasheet HTML 10Page - NXP Semiconductors TL431AFDT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TL431_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 30 June 2011
7 of 27
NXP Semiconductors
TL431 family
Adjustable precision shunt regulator
11. Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for anode 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[4]
Soldering point of anode.
12. Characteristics
Table 9.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --
360
K/W
[2] --
216
K/W
[3] --
132
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[4] --
50
K/W
Table 10.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Standard-Grade (2 %):
TL431CDBZR; TL431IDBZR; TL431QDBZR; TL431FDT; TL431MFDT; TL431SDT; TL431MSDT
Vref
reference voltage
VKA =Vref; IK = 10 mA
2440
2495
2550
mV
V
ref
reference voltage variation
VKA =Vref; IK =10mA
TL431CDBZR
Tamb =0 Cto 70 C-
6
16
mV
TL431IDBZR
Tamb = 40 Cto85 C
-
14
34
mV
TL431QDBZR
TL431FDT
TL431MFDT
TL431SDT
TL431MSDT
Tamb = 40 C to 125 C
V
ref/VKA
reference voltage variation
to cathode-anode voltage
variation ratio
IK =10mA
V
KA =10 V to Vref
-
1.4
2.7
mV/V
V
KA =36 V to 10 V
-
1
2mV/V
Iref
reference current
IK =10mA;
R1 = 10 k
; R2 = open
-2
4
A
I
ref
reference current variation
IK =10mA;
R1 = 10 k
; R2 = open
TL431CDBZR
Tamb =0 Cto 70 C-
0.4
1.2
A
TL431IDBZR
Tamb = 40 Cto85 C-
0.8
2.5
A
TL431QDBZR
TL431FDT
TL431MFDT
TL431SDT
TL431MSDT
Tamb = 40 C to 125 C
IK(min)
minimum cathode current
VKA =Vref
-0.4
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com