Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68340FE25 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MC68340FE25
Description  Integrated Processor with DMA User s Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340FE25 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MC68340FE25 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68340FE25 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 41
Figure 3-22 is a flowchart showing bus arbitration for a single device. This technique
allows processing of bus requests during data transfer cycles. Refer to Figures 3-23 and
3-24 for bus arbitration timing diagrams.
BR is negated at the time that BGACK is asserted. This type of operation applies to a
system consisting of the MC68340 and one device capable of bus mastership. In a system
having a number of devices capable of bus mastership,
BR from each device can be wire-
ORed to the MC68340. In such a system, more than one bus request could be asserted
simultaneously.
BG is negated a few clock cycles after the transition of BGACK. However,
if bus requests are still pending after the negation of
BG, the MC68340 asserts another BG
within a few clock cycles after it was negated. This additional assertion of
BG allows
external arbitration circuitry to select the next bus master before the current bus master
has finished using the bus. The following paragraphs provide additional information about
the three steps in the arbitration process. Bus arbitration requests are recognized during
normal processing,
HALT assertion, and a CPU32 halt caused by a double bus fault.
GRANT BUS ARBITRATION
1. ASSERT BG
TERMINATE ARBITRATION
1. NEGATE BG (AND WAIT FOR
BGACK TO BE NEGATED)
RE-ARBITRATE OR RESUME
PROCESSOR OPERATION
PROCESSOR
REQUESTING DEVICE
REQUEST THE BUS
1. ASSERT BR
ACKNOWLEDGE BUS MASTERSHIP
1. EXTERNAL ARBITRATION DETERMINES
NEXT BUS MASTER
2. NEXT BUS MASTER WAITS FOR BGACK
TO BE NEGATED
3. NEXT BUS MASTER ASSERTS BGACK
TO BECOME NEW MASTER
4. BUS MASTER NEGATES BR
OPERATE AS BUS MASTER
RELEASE BUS MASTERSHIP
1. NEGATE BGACK
1. PERFORM DATA TRANSFERS (READ AND
WRITE CYCLES) ACCORDING TO THE
SAME RULES THE PROCESSOR USES
Figure 3-22. Bus Arbitration Flowchart for Single Request
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com