Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVRADDDA Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC8358ECVRADDDA
Description  MPC8360E/MPC8358E PowerQUICC II Pro Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358ECVRADDDA Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC8358ECVRADDDA Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 102Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
101
Part Numbers Fully Addressed by this Document
3
03/2010
• Changed references to RCWH[PCICKEN] to RCWH[PCICKDRV].
•In Table 2, added extended temperature characteristics.
• Added Figure 6, “DDR Input Timing Diagram.”
• In Figure 53, “Mechanical Dimensions and Bottom Surface Nomenclature of the TBGA Package,”
removed watermark.
• Updated the title of Table 19,”DDR SDRAM Input AC Timing Specifications.”
•In Table 20, “DDR and DDR2 SDRAM Input AC Timing Specifications Mode,” changed table subtitle.
•In Table 27–Table 30, and Table 33—Table 34, changed the rise and fall time specifications to reference
20–80% and 80–20% of the voltage supply, respectively.
•In Table 38, “IEEE 1588 Timer AC Specifications,” changed first parameter to “Timer clock frequency.”
•In Table 45, “I2C AC Electrical Specifications,” changed units to “ns” for tI2DVKH.
•In Table 66, “MPC8360E TBGA Pinout Listing,” and Table 67 “MPC8358E TBGA Pinout Listing, added
note 7: “This pin must always be tied to GND” to the TEST pin and added a note to SPARE1 stating: “This
pin must always be left not connected.”
•In Section 4, “Clock Input Timing,” added note regarding rise/fall time on QUICC Engine block input pins.
• Added Section 4.3, “Gigabit Reference Clock Input Timing.”
• Updated Section 8.1.1, “10/100/1000 Ethernet DC Electrical Characteristics.”
•In Section 20.3, “Pinout Listings,” added sentence stating “Refer to AN3097, ‘MPC8360/MPC8358E
PowerQUICC Design Checklist,’ for proper pin termination and usage.”
•In Section 21, “Clocking,” removed statement: “The OCCR[PCICDn] parameters select whether CLKIN
or CLKIN/2 is driven out on the PCI_CLK_OUTn signals.”
•In Section 21.1, “System PLL Configuration,” updated the system VCO frequency conditions.
•In Table 80, added extended temperature characteristics.
2
12/2007 Initial release.
Table 82. Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com