Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVRADDDA Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8358ECVRADDDA
Description  MPC8360E/MPC8358E PowerQUICC II Pro Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358ECVRADDDA Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8358ECVRADDDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8358ECVRADDDA Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
15
DC Electrical Characteristics
4.1
DC Electrical Characteristics
This table provides the clock input (CLKIN/PCI_SYNC_IN) DC timing specifications for the device.
4.2
AC Electrical Characteristics
The primary clock source for the device can be one of two inputs, CLKIN or PCI_CLK, depending on whether the device is
configured in PCI host or PCI agent mode. This table provides the clock input (CLKIN/PCI_CLK) AC timing specifications for
the device.
4.3
Gigabit Reference Clock Input Timing
This table provides the Gigabit reference clocks (GTX_CLK125) AC timing specifications.
Table 7. CLKIN DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.7
OVDD + 0.3
V
Input low voltage
—
VIL
–0.3
0.4
V
CLKIN input current
0 V
≤VIN ≤OVDD
IIN
—±10
μA
PCI_SYNC_IN input current
0 V
≤VIN ≤0.5V or
OVDD – 0.5V ≤VIN ≤OVDD
IIN
—±10
μA
PCI_SYNC_IN input current
0.5 V
≤VIN ≤OVDD – 0.5 V
IIN
—
±100
μA
Table 8. CLKIN AC Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
CLKIN/PCI_CLK frequency
fCLKIN
—
—
66.67
MHz
1
CLKIN/PCI_CLK cycle time
tCLKIN
15
—
—
ns
—
CLKIN/PCI_CLK rise and fall time
tKH, tKL
0.6
1.0
2.3
ns
2
CLKIN/PCI_CLK duty cycle
tKHK/tCLKIN
40
—
60
%
3
CLKIN/PCI_CLK jitter
—
—
—
±150
ps
4, 5
Notes:
1. Caution: The system, core, USB, security, and 10/100/1000 Ethernet must not exceed their respective maximum or
minimum operating frequencies.
2. Rise and fall times for CLKIN/PCI_CLK are measured at 0.4 V and 2.7 V.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The CLKIN/PCI_CLK driver’s closed loop jitter bandwidth should be <500 kHz at –20 dB. The bandwidth must be set low
to allow cascade-connected PLL-based devices to track CLKIN drivers with the specified jitter.
Table 9. GTX_CLK125 AC Timing Specifications
At recommended operating conditions with LVDD = 2.5 ± 0.125 mV/ 3.3 V ± 165 mV
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
GTX_CLK125 frequency
tG125
—125
—
MHz
—
GTX_CLK125 cycle time
tG125
—8
—
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com