Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8349CZUALDB Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8349CZUALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349CZUALDB Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8349CZUALDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8349CZUALDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8349CZUALDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8349CZUALDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8349CZUALDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8349CZUALDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8349CZUALDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8349CZUALDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8349CZUALDB Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
Freescale Semiconductor
57
Package and Pin Listings
PCI2_FRAME/GPIO2[1]
AE33
I/O
OVDD
5
PCI2_TRDY/GPIO2[2]
AF32
I/O
OVDD
5
PCI2_IRDY/GPIO2[3]
AE34
I/O
OVDD
5
PCI2_STOP/GPIO2[4]
AF34
I/O
OVDD
5
PCI2_DEVSEL/GPIO2[5]
AF33
I/O
OVDD
5
PCI2_SERR/PCI1_ACK64
AG33
I/O
OVDD
5
PCI2_PERR/PCI1_REQ64
AG32
I/O
OVDD
5
PCI2_REQ[0:2]/GPIO2[6:8]
Y32, Y34, AA32
I/O
OVDD
—
PCI2_GNT[0:2]/GPIO2[9:11]
Y31, Y33, AA31
I/O
OVDD
—
M66EN
A19
I
OVDD
—
DDR SDRAM Memory Interface
MDQ[0:63]
D5, A3, C3, D3, C4, B3, C2, D4, D2, E5,
G2, H6, E4, F3, G4, G3, H1, J2, L6, M6,
H2, K6, L2, M4, N2, P4, R2, T4, P6, P3,
R1, T2, AB5, AA3, AD6, AE4, AB4, AC2,
AD3, AE6, AE3, AG4, AK5, AK4, AE2,
AG6, AK3, AK2, AL2, AL1, AM5, AP5,
AM2, AN1, AP4, AN5, AJ7, AN7, AM8,
AJ9, AP6, AL7, AL9, AN8
I/O
GVDD
—
MECC[0:4]/MSRCID[0:4]
W4, W3, Y3, AA6, T1
I/O
GVDD
—
MECC[5]/MDVAL
U1
I/O
GVDD
—
MECC[6:7]
Y1, Y6
I/O
GVDD
—
MDM[0:8]
B1, F1, K1, R4, AD4, AJ1, AP3, AP7, Y4
O
GVDD
—
MDQS[0:8]
B2, F5, J1, P2, AC1, AJ2, AN4, AL8, W2
I/O
GVDD
—
MBA[0:1]
AD1, AA5
O
GVDD
—
MA[0:14]
W1, U4, T3, R3, P1, M1, N1, L3, L1, K2,
Y2, K3, J3, AP2, AN6
OGVDD
—
MWE
AF1
O
GVDD
—
MRAS
AF4
O
GVDD
—
MCAS
AG3
O
GVDD
—
MCS[0:3]
AG2, AG1, AK1, AL4
O
GVDD
—
MCKE[0:1]
H3, G1
O
GVDD
3
MCK[0:5]
U2, F4, AM3, V3, F2, AN3
O
GVDD
—
MCK[0:5]
U3, E3, AN2, V4, E1, AM4
O
GVDD
—
MODT[0:3]
AH3, AJ5, AH1, AJ4
O
GVDD
—
Table 55. MPC8349EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com