Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8349CVVALDB Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MPC8349CVVALDB
Description  Integrated Host Processor Hardware Specifications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8349CVVALDB Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MPC8349CVVALDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8349CVVALDB Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
MPC8349EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 13
60
Freescale Semiconductor
Package and Pin Listings
MPH1_PWRFAULT/
DR_RX_ERROR_PWRFAULT
E27
I
OVDD
—
MPH1_PCTL0/DR_TX_VALID_PCTL0
A29
O
OVDD
—
MPH1_PCTL1/DR_TX_VALIDH_PCTL1
D28
O
OVDD
—
MPH1_CLK/DR_CLK
B29
I
OVDD
—
USB Port 0
MPH0_D0_ENABLEN/
DR_D8_CHGVBUS
C29
I/O
OVDD
—
MPH0_D1_SER_TXD/
DR_D9_DCHGVBUS
A30
I/O
OVDD
—
MPH0_D2_VMO_SE0/DR_D10_DPPD
E28
I/O
OVDD
—
MPH0_D3_SPEED/DR_D11_DMMD
B30
I/O
OVDD
—
MPH0_D4_DP/DR_D12_VBUS_VLD
C30
I/O
OVDD
—
MPH0_D5_DM/DR_D13_SESS_END
A31
I/O
OVDD
—
MPH0_D6_SER_RCV/DR_D14
B31
I/O
OVDD
—
MPH0_D7_DRVVBUS/
DR_D15_IDPULLUP
C31
I/O
OVDD
—
MPH0_NXT/DR_RX_ACTIVE_ID
B32
I
OVDD
—
MPH0_DIR_DPPULLUP/DR_RESET
A32
I/O
OVDD
—
MPH0_STP_SUSPEND/
DR_TX_READY
A33
I/O
OVDD
—
MPH0_PWRFAULT/DR_RX_VALIDH
C32
I
OVDD
—
MPH0_PCTL0/DR_LINE_STATE0
D31
I/O
OVDD
—
MPH0_PCTL1/DR_LINE_STATE1
E30
I/O
OVDD
—
MPH0_CLK/DR_RX_VALID
B33
I
OVDD
—
Programmable Interrupt Controller
MCP_OUT
AN33
O
OVDD
2
IRQ0/MCP_IN/GPIO2[12]
C19
I/O
OVDD
—
IRQ[1:5]/GPIO2[13:17]
C22, A22, D21, C21, B21
I/O
OVDD
—
IRQ[6]/GPIO2[18]/CKSTOP_OUT
A21
I/O
OVDD
—
IRQ[7]/GPIO2[19]/CKSTOP_IN
C20
I/O
OVDD
—
Ethernet Management Interface
EC_MDC
A7
O
LVDD1
—
EC_MDIO
E9
I/O
LVDD1
11
Table 55. MPC8349EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com