Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 243 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 243 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 239Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 240Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 241Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 242Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 243Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 244Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 245Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 246Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 247Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 408 page
background image
Serial Communications Interface (SCI)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Communications Interface (SCI)
243
18.5.3.3 Data Sampling
The receiver samples the PE1/RxD pin at the RT clock rate. The RT
clock is an internal signal with a frequency 16 times the baud rate. To
adjust for baud rate mismatch, the RT clock is resynchronized at the
following times (see Figure 18-6):
•
After every start bit
•
After the receiver detects a data bit change from logic 1 to logic 0
(after the majority of data bit samples at RT8, RT9, and RT10
returns a valid logic 1 and the majority of the next RT8, RT9, and
RT10 samples returns a valid logic 0)
To locate the start bit, data recovery logic does an asynchronous search
for a logic 0 preceded by three logic 1s. When the falling edge of a
possible start bit occurs, the RT clock begins to count to 16.
Figure 18-6. Receiver Data Sampling
To verify the start bit and to detect noise, data recovery logic takes
samples at RT3, RT5, and RT7. Table 18-2 summarizes the results of
the start bit verification samples.
RT CLOCK
RESET
START BIT
QUALIFICATION
START BIT
VERIFICATION
DATA
SAMPLING
SAMPLES
RT
CLOCK
RT CLOCK
STATE
START BIT
LSB
PE1/RxD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com