Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908GR4MP Datasheet(PDF) 244 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 244 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 240Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 241Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 242Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 243Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 244Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 245Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 246Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 247Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 248Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 408 page
background image
Serial Communications Interface (SCI)
Technical Data
MC68HC908GR8 — Rev 4.0
244
Serial Communications Interface (SCI)
MOTOROLA
Start bit verification is not successful if any two of the three verification
samples are logic 1s. If start bit verification is not successful, the RT
clock is reset and a new search for a start bit begins.
To determine the value of a data bit and to detect noise, recovery logic
takes samples at RT8, RT9, and RT10. Table 18-3 summarizes the
results of the data bit samples.
Table 18-2. Start Bit Verification
RT3, RT5, and RT7 Samples
Start Bit
Verification
Noise Flag
000
Yes
0
001
Yes
1
010
Yes
1
011
No
0
100
Yes
1
101
No
0
110
No
0
111
No
0
Table 18-3. Data Bit Recovery
RT8, RT9, and RT10 Samples
Data Bit Determination
Noise Flag
000
0
0
001
0
1
010
0
1
011
1
1
100
0
1
101
1
1
110
1
1
111
1
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com